Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP6821 Datasheet (PDF) - Injoinic Technology Co.,Ltd.

IP6821 Datasheet PDF - Injoinic Technology Co.,Ltd.
Part # IP6821
Download  IP6821 Download
File Size   1221.34 Kbytes
Page   13 Pages
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.
Description Wireless Charging Transmitter Control SOC

IP6821 Datasheet (PDF)

Go To PDF Page Download Datasheet
IP6821 Datasheet PDF - Injoinic Technology Co.,Ltd.

Part # IP6821
Download  IP6821 Click to download

File Size   1221.34 Kbytes
Page   13 Pages
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.
Description Wireless Charging Transmitter Control SOC

IP6821 Datasheet (HTML) - Injoinic Technology Co.,Ltd.


IP6821 Product details

Features
● Compliant with WPC qi standard
 Supports BPP, PPDE, EPP protocols
● Integrated 2P2N H-bridge driver
 External full-bridge power MOS
 Support 5W~15W charging
● Integrated ASK communication
demodulation module
● Integrated DP&DM and PD fast charging
 Support DP/DM pin application adapter
fast charging
 Support PD3.0 fast charging protocol
 Fast charging voltage support 5V/9V/12V
slot
● Integrated MTP ROM, support firmware
upgrade
● Built-in perfect protection measures
 Support no-load and loaded foreign
object detection
 Supports NTC temperature detection
 Supports coil voltage maximum
amplitude limitation
 Supports input overvoltage /undervoltage
/overcurrent protection
● Supports CBB /NPO /X7R resonant
capacitors
● Input power supply dynamic power
management (DPM)
 Supports 5V@500mA adapter power
supply
 Supports PC USB interface power supply
● System power consumption
 Operating standby power consumption
10mA
 Sleep mode power consumptionlessthan 50uA
● Package SOP16

2 Applications
● Wireless charging base

3 Description
IP6821 is a highly integrated, WPCqi
compliant wireless charging transmitter control
chip. The chip internally integrates H-bridgedrivermodule, ASK communication demodulationmodule, adapter fast charging Sink protocol andother necessary wireless charging resources.
IP6821 supports customisation of protocols,
foreign object detection sensitivity, indicator lightsand other functions.
IP6821 adopts SOP16 package, PINpinfunction layout is optimised for wireless chargingapplication, which is very convenient for PCBdrawing.




Similar Part No. - IP6821

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
IP68 ROSENBERGER-IP68 Datasheet
540Kb / 2P
쩍??JUMPER 4.1-9.5 MALE / 4.1-9.5 MALE
IP68 ROSENBERGER-IP68 Datasheet
541Kb / 2P
쩍??JUMPER 4.3-10 MALE / 4.3-10 MALE
IP68 ROSENBERGER-IP68 Datasheet
80Kb / 2P
쩍??JUMPER 7-16 MALE / 4.3-10 MALE
IP68 ROSENBERGER-IP68 Datasheet
541Kb / 2P
쩍??JUMPER 4.3-10 MALE / 4.3-10 MALE
IP68 ROSENBERGER-IP68 Datasheet
541Kb / 2P
쩍??JUMPER 7-16 MALE / 4.3-10 MALE
More results


Similar Description - IP6821

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
TSDMTX-5V2-EVM SEMTECH-TSDMTX-5V2-EVM Datasheet
5Mb / 24P
Wireless Charging Transmitter
logo
Vishay Siliconix
IWTXA653FZEB120KF3 VISHAY-IWTXA653FZEB120KF3 Datasheet
93Kb / 2P
Wireless Charging Transmitter Coil / Shield
01-Oct-2019
IWTX9955DEEB110KF3 VISHAY-IWTX9955DEEB110KF3 Datasheet
102Kb / 2P
Wireless Charging Transmitter Coil / Shield
05-Jul-2019
IWTX55R0DZEB8R9KF1 VISHAY-IWTX55R0DZEB8R9KF1 Datasheet
79Kb / 2P
Wireless Charging Transmitter Coil / Shield
05-Jul-2019
IWTX5555DEEB100KF1 VISHAY-IWTX5555DEEB100KF1 Datasheet
80Kb / 2P
Wireless Charging Transmitter Coil / Shield
05-Jul-2019
IWTX5547EEEB8R5KF1 VISHAY-IWTX5547EEEB8R5KF1 Datasheet
83Kb / 2P
Wireless Charging Transmitter Coil / Shield
26-Oct-2020
IWTX5050FEEB100KF1 VISHAY-IWTX5050FEEB100KF1 Datasheet
73Kb / 2P
Wireless Charging Transmitter Coil / Shield
09-Dec-2019
IWTX4646DCEB240JF1 VISHAY-IWTX4646DCEB240JF1 Datasheet
82Kb / 2P
Wireless Charging Transmitter Coil / Shield
09-Jul-2020
IWTX55R0DZEB8R9KF1 VISHAY-IWTX55R0DZEB8R9KF1_V01 Datasheet
64Kb / 2P
Wireless Charging Transmitter Coil / Shield
05-Jul-2019
IWTX9955DEEB110KF3 VISHAY-IWTX9955DEEB110KF3_V01 Datasheet
87Kb / 2P
Wireless Charging Transmitter Coil / Shield
05-Jul-2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com