Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP6821 Datasheet(PDF) 8 Page - Injoinic Technology Co.,Ltd.

Part # IP6821
Description  Wireless Charging Transmitter Control SOC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP6821 Datasheet(HTML) 8 Page - Injoinic Technology Co.,Ltd.

Back Button IP6821 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP6821 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP6821 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP6821 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP6821 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP6821 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. IP6821 Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. IP6821 Datasheet HTML 11Page - Injoinic Technology Co.,Ltd. IP6821 Datasheet HTML 12Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
IP6821
V1.00
http://www.injoinic.com/
8 / 13
Copyright © 2023, Injoinic Corp.
11.2 ASK Communication Demodulation/FSK Modulation
IP6821 has a built-in ASK demodulation module. For the ASK modulation signal from the receiving
device, IP6821 collects the coil voltage and current respectively to demodulate and decode the ASK
signal. The system implements the qi wireless charging protocol based on the ASK decoded data.
The IP6821 has a built-in FSK modulation function. Through FSK modulation, the IP6821 can send
information to the receiving device to implement PPDE and EPP protocols.
11.3 Input Fast Charging
IP6821 has built-in USB PD protocol, applying voltage to PD adapter through CC1, CC2 pins.
IP6821 has built-in DP/DM class adapter fast charging protocol, applying voltage to the adapter
through DP, DM pins.
11.4 NTC Temperature Protection
The IP6821's LED1 pin is time-multiplexed to realise the LED indicator and NTC detection function.
The recommended parameters for the NTC resistor are B=3950,100k.
The NTC detection pin of IP6821 can output 20uA constant current source, external 100k NTC
resistor, 20uA constant current source forms voltage on NTC resistor, and the internal ADC of IC detects
this voltage to achieve temperature protection. If the NTC function is not used, this pin is connected to
100K resistor to ground.
Users should follow the steps below when customising the NTC temperature protection threshold:
1、Check the datasheet of NTC resistor to find the temperature-resistance relationship table;
2、According to the protection temperature point, find the corresponding resistance value R_NTC, then
the internal ADC detects the voltage for protection threshold: VNTC = RNTC * 20μA(unit mV);
3、Use the parameters provided by the original factory to configure the host computer software, VNTC
configuration to the firmware, the new temperature protection threshold will take effect;
4、The standard firmware NTC protection threshold is set to 60 ℃ (480mV), when the NTC voltage is
detected to be lower than 480mV protection. NTC recovery threshold is set to 50 ℃ (700mV), when the
NTC voltage is detected to be higher than 700mV to resume charging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com