Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP6821 Datasheet(PDF) 1 Page - Injoinic Technology Co.,Ltd.

Part # IP6821
Description  Wireless Charging Transmitter Control SOC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP6821 Datasheet(HTML) 1 Page - Injoinic Technology Co.,Ltd.

  IP6821 Datasheet HTML 1Page - Injoinic Technology Co.,Ltd. IP6821 Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP6821 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP6821 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP6821 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP6821 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP6821 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP6821 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP6821 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
IP6821
V1.00
http://www.injoinic.com/
1 / 13
Copyright © 2023, Injoinic Corp.
Wireless Charging Transmitter Control SOC
1 Features
●
Compliant with WPC qi standard
Supports BPP, PPDE, EPP protocols
●
Integrated 2P2N H-bridge driver
External full-bridge power MOS
Support 5W~15W charging
●
Integrated ASK communication
demodulation module
●
Integrated DP&DM and PD fast charging
Support DP/DM pin application adapter
fast charging
Support PD3.0 fast charging protocol
Fast charging voltage support 5V/9V/12V
slot
●
Integrated MTP ROM, support firmware
upgrade
●
Built-in perfect protection measures
Support no-load and loaded foreign
object detection
Supports NTC temperature detection
Supports coil voltage maximum
amplitude limitation
Supports input overvoltage /undervoltage
/overcurrent protection
●
Supports CBB /NPO /X7R resonant
capacitors
●
Input power supply dynamic power
management (DPM)
Supports 5V@500mA adapter power
supply
Supports PC USB interface power supply
●
System power consumption
Operating standby power consumption
10mA
Sleep mode power consumption less
than 50uA
●
Package SOP16
2 Applications
●
Wireless charging base
3 Description
IP6821 is a highly integrated, WPC qi
compliant wireless charging transmitter control
chip. The chip internally integrates H-bridge driver
module, ASK communication demodulation
module, adapter fast charging Sink protocol and
other necessary wireless charging resources.
IP6821 supports customisation of protocols,
foreign object detection sensitivity, indicator lights
and other functions.
IP6821 adopts SOP16 package, PIN pin
function layout is optimised for wireless charging
application, which is very convenient for PCB
drawing.


Similar Part No. - IP6821

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
IP68 ROSENBERGER-IP68 Datasheet
540Kb / 2P
쩍??JUMPER 4.1-9.5 MALE / 4.1-9.5 MALE
IP68 ROSENBERGER-IP68 Datasheet
541Kb / 2P
쩍??JUMPER 4.3-10 MALE / 4.3-10 MALE
IP68 ROSENBERGER-IP68 Datasheet
80Kb / 2P
쩍??JUMPER 7-16 MALE / 4.3-10 MALE
IP68 ROSENBERGER-IP68 Datasheet
541Kb / 2P
쩍??JUMPER 4.3-10 MALE / 4.3-10 MALE
IP68 ROSENBERGER-IP68 Datasheet
541Kb / 2P
쩍??JUMPER 7-16 MALE / 4.3-10 MALE
More results

Similar Description - IP6821

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
TSDMTX-5V2-EVM SEMTECH-TSDMTX-5V2-EVM Datasheet
5Mb / 24P
Wireless Charging Transmitter
logo
Vishay Siliconix
IWTXA653FZEB120KF3 VISHAY-IWTXA653FZEB120KF3 Datasheet
93Kb / 2P
Wireless Charging Transmitter Coil / Shield
01-Oct-2019
IWTX9955DEEB110KF3 VISHAY-IWTX9955DEEB110KF3 Datasheet
102Kb / 2P
Wireless Charging Transmitter Coil / Shield
05-Jul-2019
IWTX55R0DZEB8R9KF1 VISHAY-IWTX55R0DZEB8R9KF1 Datasheet
79Kb / 2P
Wireless Charging Transmitter Coil / Shield
05-Jul-2019
IWTX5555DEEB100KF1 VISHAY-IWTX5555DEEB100KF1 Datasheet
80Kb / 2P
Wireless Charging Transmitter Coil / Shield
05-Jul-2019
IWTX5547EEEB8R5KF1 VISHAY-IWTX5547EEEB8R5KF1 Datasheet
83Kb / 2P
Wireless Charging Transmitter Coil / Shield
26-Oct-2020
IWTX5050FEEB100KF1 VISHAY-IWTX5050FEEB100KF1 Datasheet
73Kb / 2P
Wireless Charging Transmitter Coil / Shield
09-Dec-2019
IWTX4646DCEB240JF1 VISHAY-IWTX4646DCEB240JF1 Datasheet
82Kb / 2P
Wireless Charging Transmitter Coil / Shield
09-Jul-2020
IWTX55R0DZEB8R9KF1 VISHAY-IWTX55R0DZEB8R9KF1_V01 Datasheet
64Kb / 2P
Wireless Charging Transmitter Coil / Shield
05-Jul-2019
IWTX9955DEEB110KF3 VISHAY-IWTX9955DEEB110KF3_V01 Datasheet
87Kb / 2P
Wireless Charging Transmitter Coil / Shield
05-Jul-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com