Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP6821 Datasheet(PDF) 11 Page - Injoinic Technology Co.,Ltd.

Part # IP6821
Description  Wireless Charging Transmitter Control SOC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP6821 Datasheet(HTML) 11 Page - Injoinic Technology Co.,Ltd.

Back Button IP6821 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP6821 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP6821 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP6821 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP6821 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. IP6821 Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. IP6821 Datasheet HTML 11Page - Injoinic Technology Co.,Ltd. IP6821 Datasheet HTML 12Page - Injoinic Technology Co.,Ltd. IP6821 Datasheet HTML 13Page - Injoinic Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
IP6821
V1.00
http://www.injoinic.com/
11 / 13
Copyright © 2023, Injoinic Corp.
13 BOM
Item Part Name
Description&Specification Description
Qty
1
IP6821
U1
SOP16L
1
2
AP8G02LI
U2,U3
SOT-23-6_L2.9-W1.6-P0.95-LS2.7-BL
2
3
10uF
C1
C0603
1
4
2.2uF
C2
C0603
1
5
22uF
C3,C4
C0805
2
6
100nF
C5,C6,C7,C8
C1206
4
7
10nF
C9,C10,C11,C12
C0603
4
8
BZT52-B14S
D1
SOD-323_L1.9-W1.3-LS2.5-RD-1
1
9
IN5819
D2
SOD-123_L2.7-W1.6-LS3.7-R-RD
1
10
6.3uH
L1
IND-SMD_L4.5-W3.0
1
11
LED
LED1
LED0603_RED
1
12
LED
LED2
LED0603_GREEN
1
13
1k
R1,R2
R0603
2
14
3.3k
R3,R5,R8
R0603
3
15
20mR
R4
R1206
1
16
33k
R6,R7
R0603
2
17
100k
RNTC1
R0603
1
18
TYPE-C-31-M-12 USBC1
USB-C_SMD-TYPE-C-31-M-12
1
Note: The parameter of voltage regulator D1 must be a nominal regulated value of 14V with 2% accuracy (the regulated
range is 13.72V~14.28V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com