Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP6821 Datasheet(PDF) 4 Page - Injoinic Technology Co.,Ltd.

Part # IP6821
Description  Wireless Charging Transmitter Control SOC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP6821 Datasheet(HTML) 4 Page - Injoinic Technology Co.,Ltd.

  IP6821 Datasheet HTML 1Page - Injoinic Technology Co.,Ltd. IP6821 Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP6821 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP6821 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP6821 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP6821 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP6821 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP6821 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP6821 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
IP6821
V1.00
http://www.injoinic.com/
4 / 13
Copyright © 2023, Injoinic Corp.
6 Pin Configuration
Figure 2
IP6821 Pin Diagram
序号
名称
I/O 属性
描述
1
GND
-
System and Power Ground
2
DM
I/O
USB DM
3
DP
I/O
USB DP
4
CC2
I/O
Type_C detect pin CC2
5
CC1
I/O
Type_C detect pin CC1
6
VCC
PO
Internal VCC supply, external 2.2uF capacitor to GND
7
LED2
I/O
Lamp display control pin
8
LED1
I/O
Lamp display and NTC detection pin
9
VCOIL
I/O
Coil voltage detection pin
10
VDEM
I/O
Voltage decode input pin
11
ISNS
I/O
Current sampling input pin
12
DRV1H
I/O
DRV1 high-side drive
13
DRV1L
I/O
DRV1 low-side drive
14
DRV2L
I/O
DRV2 low-side drive
15
DRV2H
I/O
DRV2 high-side drive
16
VIN
PI
Power supply pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com