Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD5V0R1BDSF Datasheet (PDF) - Nexperia B.V. All rights reserved

PESD5V0R1BDSF Datasheet PDF - Nexperia B.V. All rights reserved
Part # PESD5V0R1BDSF
Download  PESD5V0R1BDSF Download
File Size   157.98 Kbytes
Page   8 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Extremely low clamping bidirectional ESD protection diode

PESD5V0R1BDSF Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD5V0R1BDSF Datasheet PDF - Nexperia B.V. All rights reserved

Part # PESD5V0R1BDSF
Download  PESD5V0R1BDSF Click to download

File Size   157.98 Kbytes
Page   8 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Extremely low clamping bidirectional ESD protection diode

PESD5V0R1BDSF Datasheet (HTML) - Nexperia B.V. All rights reserved


PESD5V0R1BDSF Product details

1. General description
Extremely low clamping, extremely low capacitance bidirectional ElectroStatic Discharge (ESD)
protection diode, part of the TrEOS protection family. This device is housed in a DSN0603-2
(SOD962-2) leadless, ultra-small Surface-Mounted Device (SMD) package designed to protect one
signal line from the damage caused by ESD and other transients.
2. Features and benefits
• Bidirectional ESD protection of one line
• Extremely low diode capacitance, Cd = 0.1 pF at 10 GHz
• Extremely low clamping voltage to protect sensitive transceivers
• Extremely low leakage current < 1 nA at 5 V
• Extremely low inductance protection path to ground
• Very high surge robustness: 4.8 A for 8/20 μs pulse
• Extremely low insertion loss: -0.28 dB at 10 GHz
• Extremely low return loss: -19 dB at 10 GHz
• 20 Gbps capable
• Ultra-small SMD package
3. Applications
• Cellular handsets and accessories
• Portable electronics
• Communication systems
• Computers and peripherals
• USB4, USB3.2, Thunderbolt and HDMI2.1 data lines




Similar Part No. - PESD5V0R1BDSF

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD5V0R1BDSF NEXPERIA-PESD5V0R1BDSF Datasheet
155Kb / 8P
Extremely low clamping bidirectional ESD protection diode
11 October 2021
More results


Similar Description - PESD5V0R1BDSF

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD5V5C1BL-Q NEXPERIA-PESD5V5C1BL-Q Datasheet
214Kb / 11P
Extremely low clamping bidirectional ESD protection diode
6 April 2023
PESD5V0C1BLS-Q NEXPERIA-PESD5V0C1BLS-Q Datasheet
219Kb / 11P
Extremely low clamping bidirectional ESD protection diode
4 April 2022
PESD1V2Y1BSF NEXPERIA-PESD1V2Y1BSF Datasheet
153Kb / 7P
Extremely low clamping bidirectional ESD protection diode
12 March 2021
PESD2V5X1BSF NEXPERIA-PESD2V5X1BSF Datasheet
153Kb / 7P
Extremely low clamping bidirectional ESD protection diode
12 March 2021
PESD2V8Y1BSF NEXPERIA-PESD2V8Y1BSF Datasheet
158Kb / 8P
Extremely low clamping bidirectional ESD protection diode
24 January 2022
PESD3V3F1BSF NEXPERIA-PESD3V3F1BSF Datasheet
152Kb / 7P
Extremely low clamping bidirectional ESD protection diode
12 March 2021
PESD4V0Y1BBSF NEXPERIA-PESD4V0Y1BBSF Datasheet
156Kb / 7P
Extremely low clamping bidirectional ESD protection diode
23 August 2022
PESD4V0Y1BCSF NEXPERIA-PESD4V0Y1BCSF Datasheet
153Kb / 7P
Extremely low clamping bidirectional ESD protection diode
17 January 2023
PESD5V0R1BCSF NEXPERIA-PESD5V0R1BCSF Datasheet
154Kb / 8P
Extremely low clamping bidirectional ESD protection diode
11 October 2021
PESD20VY1BBSF NEXPERIA-PESD20VY1BBSF Datasheet
156Kb / 7P
Extremely low clamping bidirectional ESD protection diode
6 October 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com