Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JD092B-ST Datasheet (PDF) - StarTech.com Ltd.

JD092B-ST Datasheet PDF - StarTech.com Ltd.
Part # JD092B-ST
Download  JD092B-ST Download
File Size   62.3 Kbytes
Page   3 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description HPE JD092B Compatible SFP Module - 10GBASE-SR - 10GbE Multi Mode Fiber Optic Transceiver - 10GE Gigabit Ethernet SFP - LC 300m - 850nm - DDM HPE 5120, 5500, 5810

JD092B-ST Datasheet (PDF)

Go To PDF Page Download Datasheet
JD092B-ST Datasheet PDF - StarTech.com Ltd.

Part # JD092B-ST
Download  JD092B-ST Click to download

File Size   62.3 Kbytes
Page   3 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description HPE JD092B Compatible SFP Module - 10GBASE-SR - 10GbE Multi Mode Fiber Optic Transceiver - 10GE Gigabit Ethernet SFP - LC 300m - 850nm - DDM HPE 5120, 5500, 5810

JD092B-ST Datasheet (HTML) - StarTech.com Ltd.


JD092B-ST Product details

Features
• 100% HPE JD092B COMPATIBLE: Works with HPE switches like 5120, 5500, 5810, 5900AF, and others
• TECHNICAL SPECS: 10GBASE-SR 10Gbps Multi Mode (MMF) LC Connector 850nm Digital Diagnostic
Monitoring (DDM) Distances up to 300m (984ft)
• TESTED FOR OEM HOST COMPATIBILITY: Hot-swappable in HPE routers and switches; DDM support reports
the transceiver's status to most SNMP network management tools
• LIFETIME WARRANTY: Backed by a lifetime warranty on the life of the module itself - not the life of your switch.
Our modules won't void your OEM warranty and supported by our Tech Advisors 5/24
• WORKS WITH MSA COMPLIANT SWITCHES: Also works with switch models from Ubiquiti, D-Link, Netgear,
Supermicro, TP-Link and more that accept uncoded modules




Similar Part No. - JD092B-ST

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
JD092B-C ATGBICS-JD092B-C Datasheet
375Kb / 10P
JD092B HPE Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
JD092B-T-C ATGBICS-JD092B-T-C Datasheet
222Kb / 6P
JD092B-T HPE Compatible Transceiver SFP 10G Base T (RJ45, Copper, 30m)
More results


Similar Description - JD092B-ST

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N286-10GSR-MDLC TRIPPLITE-N286-10GSR-MDLC Datasheet
164Kb / 2P
Cisco SFP-10G-SR Compatible 10Gbase-SR SFP Transceiver with DDM, MMF, 850nm, 300M, LC
logo
ATGBICS by Approved Tec...
EX-SFP-10GE-SR-C ATGBICS-EX-SFP-10GE-SR-C Datasheet
375Kb / 10P
EX-SFP-10GE-SR Juniper Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
EX-SFP-10GE-USR-C ATGBICS-EX-SFP-10GE-USR-C Datasheet
375Kb / 10P
EX-SFP-10GE-USR Juniper Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
JD092B-C ATGBICS-JD092B-C Datasheet
375Kb / 10P
JD092B HPE Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
QFX-SFP-10GE-SR-C ATGBICS-QFX-SFP-10GE-SR-C Datasheet
376Kb / 10P
QFX-SFP-10GE-SR Juniper Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
SFP-10GE-M-C ATGBICS-SFP-10GE-M-C Datasheet
375Kb / 10P
SFP-10GE-M ZTE Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
SFP-10GE-SR-C ATGBICS-SFP-10GE-SR-C Datasheet
375Kb / 10P
SFP-10GE-SR Juniper Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
SFPP-10GE-SR-C ATGBICS-SFPP-10GE-SR-C Datasheet
375Kb / 10P
SFPP-10GE-SR Juniper Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
SRX-SFP-10GE-SR-C ATGBICS-SRX-SFP-10GE-SR-C Datasheet
375Kb / 10P
SRX-SFP-10GE-SR Juniper Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
VIP-SFP+-10GE-SR-C ATGBICS-VIP-SFP+-10GE-SR-C Datasheet
375Kb / 10P
VIP-SFP-10GE-SR Cisco Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com