Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JD092B-ST Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # JD092B-ST
Description  HPE JD092B Compatible SFP Module - 10GBASE-SR - 10GbE Multi Mode Fiber Optic Transceiver - 10GE Gigabit Ethernet SFP - LC 300m - 850nm - DDM HPE 5120, 5500, 5810
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

JD092B-ST Datasheet(HTML) 2 Page - StarTech.com Ltd.

  JD092B-ST Datasheet HTML 1Page - StarTech.com Ltd. JD092B-ST Datasheet HTML 2Page - StarTech.com Ltd. JD092B-ST Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Certifications, Reports and Compatibility
Applications
Features
• 100% HPE JD092B COMPATIBLE: Works with HPE switches like 5120, 5500, 5810, 5900AF, and others
• TECHNICAL SPECS: 10GBASE-SR 10Gbps Multi Mode (MMF) LC Connector 850nm Digital Diagnostic
Monitoring (DDM) Distances up to 300m (984ft)
• TESTED FOR OEM HOST COMPATIBILITY: Hot-swappable in HPE routers and switches; DDM support reports
the transceiver's status to most SNMP network management tools
• LIFETIME WARRANTY: Backed by a lifetime warranty on the life of the module itself - not the life of your switch.
Our modules won't void your OEM warranty and supported by our Tech Advisors 5/24
• WORKS WITH MSA COMPLIANT SWITCHES: Also works with switch models from Ubiquiti, D-Link, Netgear,
Supermicro, TP-Link and more that accept uncoded modules
Hardware
Warranty
Lifetime
Compatible Brand
HPE
Industry Standards
IEEE 802.3ae 10GBASE-SR
Performance
Maximum Data Transfer
Rate
10.31 Gbps
Max Transfer Distance
300 m (984 ft)
Type
Multi Mode
Wavelength
850nm
Fiber Operating Mode
Full-Duplex
DDM
Yes
Compatible Networks
10 Gbps
MTBF
498,745,585 hours
Power Consumption (In
Watts)
< 1.3W



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com