Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JD092B-ST Datasheet(PDF) 3 Page - StarTech.com Ltd.

Part # JD092B-ST
Description  HPE JD092B Compatible SFP Module - 10GBASE-SR - 10GbE Multi Mode Fiber Optic Transceiver - 10GE Gigabit Ethernet SFP - LC 300m - 850nm - DDM HPE 5120, 5500, 5810
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

JD092B-ST Datasheet(HTML) 3 Page - StarTech.com Ltd.

  JD092B-ST Datasheet HTML 1Page - StarTech.com Ltd. JD092B-ST Datasheet HTML 2Page - StarTech.com Ltd. JD092B-ST Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Physical
Characteristics
Product Length
0.5 in [13.9 mm]
Product Width
2.3 in [58.4 mm]
Product Height
0.5 in [13.7 mm]
Weight of Product
0.7 oz [20 g]
Packaging
Information
Package Length
4.5 in [11.5 cm]
Package Width
3.5 in [90 mm]
Package Height
1.2 in [31 mm]
Shipping (Package)
Weight
1.8 oz [50 g]
What's in the Box
Included in Package
SFP+ Transceiver
*Product appearance and specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com