Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JD092B-ST Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # JD092B-ST
Description  HPE JD092B Compatible SFP Module - 10GBASE-SR - 10GbE Multi Mode Fiber Optic Transceiver - 10GE Gigabit Ethernet SFP - LC 300m - 850nm - DDM HPE 5120, 5500, 5810
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

JD092B-ST Datasheet(HTML) 1 Page - StarTech.com Ltd.

  JD092B-ST Datasheet HTML 1Page - StarTech.com Ltd. JD092B-ST Datasheet HTML 2Page - StarTech.com Ltd. JD092B-ST Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HPE JD092B Compatible SFP+ Module - 10GBASE-SR - 10GbE Multi Mode Fiber Optic
Transceiver - 10GE Gigabit Ethernet SFP+ - LC 300m - 850nm - DDM HPE 5120, 5500, 5810
Product ID: JD092B-ST
The JD092B-ST is a HP JD092B compatible fiber transceiver module that has been designed, programmed and
tested to work with HP brand switches and routers. It delivers dependable 10 GbE connectivity over fiber cable, for
10GBase-LRM compliant networks, with a maximum distance of up to 200 m (656 ft).
Technical Specifications:
• Wavelength: 1310nm
• Maximum Data Transfer Rate: 10 Gbps
• Type: Multi Mode Fiber
• Connection Type: LC Connector
• Maximum Transfer Distance: 300 m (984 ft)
• MTBF: 145,858,878 hours
• Power Consumption: < 1.3W
• Digital Diagnostics Monitoring (DDM): Yes
This SFP+ fiber module is hot-swappable, making upgrades and replacements seamless by minimizing network
disruptions.
All StarTech.com SFP & SFP+ transceiver modules are backed by a lifetime warranty and free lifetime multilingual
technical support. StarTech.com offers a wide variety of SFP modules and direct-attach SFP cables, providing the
convenience and reliability you need to ensure dependable network performance.


Similar Part No. - JD092B-ST

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
JD092B-C ATGBICS-JD092B-C Datasheet
375Kb / 10P
JD092B HPE Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
JD092B-T-C ATGBICS-JD092B-T-C Datasheet
222Kb / 6P
JD092B-T HPE Compatible Transceiver SFP 10G Base T (RJ45, Copper, 30m)
More results

Similar Description - JD092B-ST

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N286-10GSR-MDLC TRIPPLITE-N286-10GSR-MDLC Datasheet
164Kb / 2P
Cisco SFP-10G-SR Compatible 10Gbase-SR SFP Transceiver with DDM, MMF, 850nm, 300M, LC
logo
ATGBICS by Approved Tec...
EX-SFP-10GE-SR-C ATGBICS-EX-SFP-10GE-SR-C Datasheet
375Kb / 10P
EX-SFP-10GE-SR Juniper Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
EX-SFP-10GE-USR-C ATGBICS-EX-SFP-10GE-USR-C Datasheet
375Kb / 10P
EX-SFP-10GE-USR Juniper Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
JD092B-C ATGBICS-JD092B-C Datasheet
375Kb / 10P
JD092B HPE Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
QFX-SFP-10GE-SR-C ATGBICS-QFX-SFP-10GE-SR-C Datasheet
376Kb / 10P
QFX-SFP-10GE-SR Juniper Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
SFP-10GE-M-C ATGBICS-SFP-10GE-M-C Datasheet
375Kb / 10P
SFP-10GE-M ZTE Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
SFP-10GE-SR-C ATGBICS-SFP-10GE-SR-C Datasheet
375Kb / 10P
SFP-10GE-SR Juniper Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
SFPP-10GE-SR-C ATGBICS-SFPP-10GE-SR-C Datasheet
375Kb / 10P
SFPP-10GE-SR Juniper Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
SRX-SFP-10GE-SR-C ATGBICS-SRX-SFP-10GE-SR-C Datasheet
375Kb / 10P
SRX-SFP-10GE-SR Juniper Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
VIP-SFP+-10GE-SR-C ATGBICS-VIP-SFP+-10GE-SR-C Datasheet
375Kb / 10P
VIP-SFP-10GE-SR Cisco Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com