Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD2CANFD36UQB-QZ Datasheet (PDF) - Nexperia B.V. All rights reserved

PESD2CANFD36UQB-QZ Datasheet PDF - Nexperia B.V. All rights reserved
Part # PESD2CANFD36UQB-QZ
Download  PESD2CANFD36UQB-QZ Download
File Size   229.32 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Extremely low clamping bidirectional ESD protection diode

PESD2CANFD36UQB-QZ Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD2CANFD36UQB-QZ Datasheet PDF - Nexperia B.V. All rights reserved

Part # PESD2CANFD36UQB-QZ
Download  PESD2CANFD36UQB-QZ Click to download

File Size   229.32 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Extremely low clamping bidirectional ESD protection diode

PESD2CANFD36UQB-QZ Datasheet (HTML) - Nexperia B.V. All rights reserved


PESD2CANFD36UQB-QZ Product details

General description
ESD protection device in an ultra-small DFN1110D-3 (SOT8015) leadless Surface-Mounted Device
(SMD) plastic package with side wettable flanks, designed to protect two automotive in-vehicle
network bus lines from the damage caused by Electro-Static Discharge (ESD) and other transients.
Features and benefits
• Reverse stand-off voltage: VRWM = 36 V
• Low clamping voltage: typical VCL = 44 V at Ipp = 1 A
• ESD protection up to 12 kV (IEC 61000-4-2)
• ESD protection up to 12 kV (ISO 10605; C = 330 pF, R = 330 Ω)
• Low capacitance: Cd = 4.3 pF
• ISO 7637-2 pulse 3a/3b = ± 300 V
• ISO 7637-2 pulse 2a = 50 V
• Qualified according to AEC-Q101 and recommended for use in automotive applications
Applications
ESD protection for in-vehicle network lines in automotive environments
• 24 V board net / truck systems
• CAN / CAN-FD
• FlexRay
• SENT




Similar Part No. - PESD2CANFD36UQB-QZ

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD2CANFD36UQC-Q NEXPERIA-PESD2CANFD36UQC-Q Datasheet
233Kb / 11P
Extremely low clamping bidirectional ESD protection diode
4 January 2024
PESD2CANFD36UQC-QZ NEXPERIA-PESD2CANFD36UQC-QZ Datasheet
233Kb / 11P
Extremely low clamping bidirectional ESD protection diode
4 January 2024
More results


Similar Description - PESD2CANFD36UQB-QZ

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD5V5C1BL-Q NEXPERIA-PESD5V5C1BL-Q Datasheet
214Kb / 11P
Extremely low clamping bidirectional ESD protection diode
6 April 2023
PESD5V0C1BLS-Q NEXPERIA-PESD5V0C1BLS-Q Datasheet
219Kb / 11P
Extremely low clamping bidirectional ESD protection diode
4 April 2022
PESD1V2Y1BSF NEXPERIA-PESD1V2Y1BSF Datasheet
153Kb / 7P
Extremely low clamping bidirectional ESD protection diode
12 March 2021
PESD2V5X1BSF NEXPERIA-PESD2V5X1BSF Datasheet
153Kb / 7P
Extremely low clamping bidirectional ESD protection diode
12 March 2021
PESD2V8Y1BSF NEXPERIA-PESD2V8Y1BSF Datasheet
158Kb / 8P
Extremely low clamping bidirectional ESD protection diode
24 January 2022
PESD3V3F1BSF NEXPERIA-PESD3V3F1BSF Datasheet
152Kb / 7P
Extremely low clamping bidirectional ESD protection diode
12 March 2021
PESD4V0Y1BBSF NEXPERIA-PESD4V0Y1BBSF Datasheet
156Kb / 7P
Extremely low clamping bidirectional ESD protection diode
23 August 2022
PESD4V0Y1BCSF NEXPERIA-PESD4V0Y1BCSF Datasheet
153Kb / 7P
Extremely low clamping bidirectional ESD protection diode
17 January 2023
PESD5V0R1BCSF NEXPERIA-PESD5V0R1BCSF Datasheet
154Kb / 8P
Extremely low clamping bidirectional ESD protection diode
11 October 2021
PESD20VY1BBSF NEXPERIA-PESD20VY1BBSF Datasheet
156Kb / 7P
Extremely low clamping bidirectional ESD protection diode
6 October 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com