Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2760AX Datasheet (PDF) - Maxim Integrated Products

DS2760AX Datasheet PDF - Maxim Integrated Products
Part # DS2760AX
Download  DS2760AX Download
File Size   295.47 Kbytes
Page   25 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Precision Li Battery Monitor

DS2760AX Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2760AX Datasheet PDF - Maxim Integrated Products

Part # DS2760AX
Download  DS2760AX Click to download

File Size   295.47 Kbytes
Page   25 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Precision Li Battery Monitor

DS2760AX Datasheet (HTML) - Maxim Integrated Products


DS2760AX Product details

DESCRIPTION
The DS2760 High-Precision Li+ Battery Monitor is a data acquisition, information storage, and safety protection device tailored for cost-sensitive battery pack applications. This low-power device integrates precise temperature, voltage, and current measurement, nonvolatile data storage, and Li+ protection into the small footprint of either a TSSOP package or flip chip. The DS2760 is a key component in applications including remaining capacity estimation, safety monitoring, and battery-specific data storage.

FEATURES
■ Li+ safety circuit
    - Overvoltage protection
    - Overcurrent/short circuit protection
    - Undervoltage protection
■ Zero Volt Battery Recovery Charge
■ Available in two configurations:
    - Internal 25mΩ sense resistor
    - External user-selectable sense resistor
■ Current measurement
    - 12-bit bidirectional measurement
    - Internal sense resistor configuration: 0.625mA LSB and ±1.9A dynamic range
    - External sense resistor configuration: 15.625V LSB and ±64mV dynamic range
■ Current accumulation
    - Internal sense resistor: 0.25mAhr LSB
    - External sense resistor: 6.25Vhr LSB
■ Voltage measurement with 4.88mV resolution
■ Temperature measurement using integrated sensor with 0.125°C resolution
■ System power management and control feature support
■ 32 bytes of lockable EEPROM
■ 16 bytes of general purpose SRAM
■ Dallas 1-Wire® interface with unique 64-bit device address
■ Low power consumption:
    - Active current: 90 μA max
    - Sleep current: 2 μA max




Similar Part No. - DS2760AX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2760AX MAXIM-DS2760AX Datasheet
295Kb / 25P
High-Precision Li Battery Monitor
010906
DS2760AX-025 MAXIM-DS2760AX-025 Datasheet
295Kb / 25P
High-Precision Li Battery Monitor
010906
More results


Similar Description - DS2760AX

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2760 DALLAS-DS2760 Datasheet
126Kb / 25P
High Precision Li-Ion Battery Monitor
DS2761 DALLAS-DS2761 Datasheet
286Kb / 24P
High-Precision Li Battery Monitor
logo
Maxim Integrated Produc...
DS2764 MAXIM-DS2764 Datasheet
246Kb / 20P
High-Precision Li Battery Monitor with 2-Wire Interface
011005
logo
Intersil Corporation
X3102 INTERSIL-X3102 Datasheet
579Kb / 32P
3 Cell Li-Ion Battery Protection and Monitor IC
December 22, 2004
logo
Maxim Integrated Produc...
DS2762 MAXIM-DS2762 Datasheet
262Kb / 25P
High-Precision Li Battery Monitor With Alerts
REV: 111703
logo
Intersil Corporation
ISL94203IRTZ INTERSIL-ISL94203IRTZ Datasheet
1Mb / 63P
3-to-8 Cell Li-ion Battery Pack Monitor
August 17, 2015
logo
Maxim Integrated Produc...
DS2761 MAXIM-DS2761 Datasheet
316Kb / 24P
High-Precision Li Battery Monitor
010906
DS2760 MAXIM-DS2760 Datasheet
295Kb / 25P
High-Precision Li Battery Monitor
010906
DS2764 MAXIM-DS2764_V01 Datasheet
191Kb / 20P
High-Precision Li Battery Monitor with 2-Wire Interface
2006
logo
Sciosense B.V.
BCM1 SCIOSENSE-BCM1 Datasheet
2Mb / 2P
Battery Condition Monitor for Li-Ion batteries
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com