Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2760AX Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS2760AX
Description  High-Precision Li Battery Monitor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2760AX Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS2760AX Datasheet HTML 1Page - Maxim Integrated Products DS2760AX Datasheet HTML 2Page - Maxim Integrated Products DS2760AX Datasheet HTML 3Page - Maxim Integrated Products DS2760AX Datasheet HTML 4Page - Maxim Integrated Products DS2760AX Datasheet HTML 5Page - Maxim Integrated Products DS2760AX Datasheet HTML 6Page - Maxim Integrated Products DS2760AX Datasheet HTML 7Page - Maxim Integrated Products DS2760AX Datasheet HTML 8Page - Maxim Integrated Products DS2760AX Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
DS2760
2
ORDERING INFORMATION
Part
Marking
Description
DS2760AE+
DS2760A
TSSOP, External Sense Resistor, 4.275V Vov, Lead-Free
DS2760BE+
DS2760B
TSSOP, External Sense Resistor, 4.35V Vov, Lead-Free
DS2760AE+T&R
DS2760A
DS2760AE+ on Tape & Reel, Lead-Free
DS2760 BE+T&R
DS2760B
DS2760BE+ on Tape & Reel, Lead-Free
DS2760AE+025
2760A25
TSSOP, 25m
W Sense Resistor, 4.275V Vov, Lead-Free
DS2760BE+025
2760B25
TSSOP, 25m
W Sense Resistor, 4.35V Vov, Lead-Free
DS2760AE+025/T&R 2760A25
DS2760AE+025 in Tape & Reel, Lead-Free
DS2760BE+025/T&R 2760B25
DS2760BE+025 in Tape & Reel, Lead-Free
DS2760AX
DS2760A
Flipchip, External Sense Resistor, Tape & Reel, 4.275V Vov
DS2760BX
DS2760B
Flipchip, External Sense Resistor, Tape & Reel, 4.35V Vov
DS2760AX-025
DS2760AR Flipchip, 25mW Sense Resistor, Tape & Reel, 4.275V Vov
DS2760BX-025
DS2760BR Flipchip, 25mW Sense Resistor, Tape & Reel, 4.35V Vov
DS2760AE
DS2760A
TSSOP, External Sense Resistor, 4.275V Vov
DS2760BE
DS2760B
TSSOP, External Sense Resistor, 4.35V Vov
DS2760AE/T&R
DS2760A
DS2760AE on Tape & Reel
DS2760 BE/T&R
DS2760B
DS2760BE on Tape & Reel
DS2760AE-025
2760A25
TSSOP, 25m
W Sense Resistor, 4.275V Vov
DS2760BE-025
2760B25
TSSOP, 25m
W Sense Resistor, 4.35V Vov
DS2760AE-025/T&R
2760A25
DS2760AE-025 in Tape & Reel
DS2760BE-025/T&R
2760B25
DS2760BE-025 in Tape & Reel
DESCRIPTION
The DS2760 High-Precision Li+ Battery Monitor is a data acquisition, information storage, and safety
protection device tailored for cost-sensitive battery pack applications. This low-power device integrates
precise temperature, voltage, and current measurement, nonvolatile data storage, and Li+ protection into
the small footprint of either a TSSOP package or flip chip. The DS2760 is a key component in
applications including remaining capacity estimation, safety monitoring, and battery-specific data storage.
Via its 1-Wire interface, the DS2760 gives the host system read/write access to status and control
registers, instrumentation registers, and general purpose data storage. Each device has a unique factory-
programmed 64-bit net address which allows it to be individually addressed by the host system,
supporting multi-battery operation.
The DS2760 is capable of performing temperature, voltage and current measurement to a resolution
sufficient to support process monitoring applications such as battery charge control, remaining capacity
estimation, and safety monitoring. Temperature is measured using an on-chip sensor, eliminating the need
for a separate thermistor. Bidirectional current measurement and accumulation are accomplished using
either an internal 25m
W sense resistor or an external device. The DS2760 also features a programmable
I/O pin that allows the host system to sense and control other electronics in the pack, including switches,
vibration motors, speakers and LEDs.
Three types of memory are provided on the DS2760 for battery information storage: EEPROM, lockable
EEPROM and SRAM. EEPROM memory saves important battery data in true nonvolatile memory that
is unaffected by severe battery depletion, accidental shorts or ESD events. Lockable EEPROM becomes
ROM when locked to provide additional security for unchanging battery data.
SRAM provides
inexpensive storage for temporary data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com