Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2760AX Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DS2760AX
Description  High-Precision Li Battery Monitor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2760AX Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DS2760AX Datasheet HTML 7Page - Maxim Integrated Products DS2760AX Datasheet HTML 8Page - Maxim Integrated Products DS2760AX Datasheet HTML 9Page - Maxim Integrated Products DS2760AX Datasheet HTML 10Page - Maxim Integrated Products DS2760AX Datasheet HTML 11Page - Maxim Integrated Products DS2760AX Datasheet HTML 12Page - Maxim Integrated Products DS2760AX Datasheet HTML 13Page - Maxim Integrated Products DS2760AX Datasheet HTML 14Page - Maxim Integrated Products DS2760AX Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
DS2760
11
MEMORY MAP Table 3
Address (Hex)
Description
Read/Write
00
Protection Register
R/W
01
Status Register
R
02-06
Reserved
07
EEPROM Register
R/W
08
Special Feature Register
R/W
09-0B
Reserved
0C
Voltage Register MSb
R
0D
Voltage Register LSb
R
0E
Current Register MSB
R
0F
Current Register LSb
R
10
Accumulated Current Register MSB
R/W
11
Accumulated Current Register LSb
R/W
12-17
Reserved
18
Temperature Register MSB
R
19
Temperature Register LSb
R
1A-1F
Reserved
20-2F
EEPROM, block 0
R/W*
30-3F
EEPROM, block 1
R/W*
40-7F
Reserved
80-8F
SRAM
R/W
90-FF
Reserved
* Each EEPROM block is read/write until locked by the LOCK command, after which it is read-only.
PROTECTION REGISTER
The Protection Register consists of flags that indicate protection circuit status and switches that give
conditional control over the charging and discharging paths. Bits OV, UV, COC and DOC are set when
corresponding protection conditions occur and remain set until cleared by the host system. The default
values of the CE and DE bits of the Protection Register are stored in lockable EEPROM in the
corresponding bits in address 30h. A Recall Data command for EEPROM block 1 recalls the default
values of 1 into CE and DE. The format of the Protection Register is shown in Figure 9. The function of
each bit is described in detail in the following paragraphs.
PROTECTION REGISTER FORMAT Figure 9
Address 00
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
OV
UV
COC
DOC
CC
DC
CE
DE
OV – Overvoltage Flag. When set to 1, this bit indicates the battery pack has experienced an overvoltage
condition. This bit must be reset by the host system.
UV – Undervoltage Flag. When set to 1, this bit indicates the battery pack has experienced an
undervoltage condition. This bit must be reset by the host system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com