Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2760AX Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS2760AX
Description  High-Precision Li Battery Monitor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2760AX Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS2760AX Datasheet HTML 1Page - Maxim Integrated Products DS2760AX Datasheet HTML 2Page - Maxim Integrated Products DS2760AX Datasheet HTML 3Page - Maxim Integrated Products DS2760AX Datasheet HTML 4Page - Maxim Integrated Products DS2760AX Datasheet HTML 5Page - Maxim Integrated Products DS2760AX Datasheet HTML 6Page - Maxim Integrated Products DS2760AX Datasheet HTML 7Page - Maxim Integrated Products DS2760AX Datasheet HTML 8Page - Maxim Integrated Products DS2760AX Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1 of 25
010906
FEATURES
§ Li+ safety circuit
- Overvoltage protection
- Overcurrent/short circuit protection
- Undervoltage protection
§ Zero Volt Battery Recovery Charge
§ Available in two configurations:
- Internal 25m
W sense resistor
- External user-selectable sense resistor
§ Current measurement
- 12-bit bidirectional measurement
- Internal sense resistor configuration:
0.625mA LSB and ±1.9A dynamic range
- External sense resistor configuration:
15.625
mV LSB and ±64mV dynamic range
§ Current accumulation
- Internal sense resistor: 0.25mAhr LSB
- External sense resistor: 6.25
mVhr LSB
§ Voltage measurement with 4.88mV resolution
§ Temperature measurement using integrated
sensor with 0.125
°C resolution
§ System power management and control feature
support
§ 32 bytes of lockable EEPROM
§ 16 bytes of general purpose SRAM
§ Dallas 1-Wire
® interface with unique 64-bit
device address
§ Low power consumption:
- Active current: 90
mA max
- Sleep current:
2
mA max
PIN ASSIGNMENT
PIN DESCRIPTION
CC - Charge control output
DC - Discharge control output
DQ - Data input/output
PIO - Programmable I/O pin
PLS - Battery pack positive terminal input
PS
- Power switch sense input
VIN - Voltage sense input
VDD - Power supply input (2.5V to 5.5V)
VSS - Device ground
SNS - Sense resistor connection
IS1 - Current sense input
IS2 - Current sense input
SNS Probe - Do not connect
VSS Probe - Do not connect
DS2760
High-Precision Li+ Battery Monitor
www.maxim-ic.com
CC
VIN
VDD
PIO
VSS
VSS
VSS
PS
IS1
DS2760
16-Pin TSSOP Package
IS2
SNS
SNS
1
2
23
2
1
4
5
6
7
8
16
15
14
13
12
11
10
9
SNS
DQ
PLS
DC
DS2760
Flip-Chip Packaging
Top View
1-Wire is a registered trademark of Dallas Semiconductor.
PLS DC
DQ
CC
IS2
VIN
IS1
VDD PIO
PS
SNS
VSS
1
2
3
4
A
B
C
D
E
F
SNS
Probe
VSS
Probe


Similar Part No. - DS2760AX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2760AX MAXIM-DS2760AX Datasheet
295Kb / 25P
High-Precision Li Battery Monitor
010906
DS2760AX-025 MAXIM-DS2760AX-025 Datasheet
295Kb / 25P
High-Precision Li Battery Monitor
010906
More results

Similar Description - DS2760AX

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2760 DALLAS-DS2760 Datasheet
126Kb / 25P
High Precision Li-Ion Battery Monitor
DS2761 DALLAS-DS2761 Datasheet
286Kb / 24P
High-Precision Li Battery Monitor
logo
Maxim Integrated Produc...
DS2764 MAXIM-DS2764 Datasheet
246Kb / 20P
High-Precision Li Battery Monitor with 2-Wire Interface
011005
logo
Intersil Corporation
X3102 INTERSIL-X3102 Datasheet
579Kb / 32P
3 Cell Li-Ion Battery Protection and Monitor IC
December 22, 2004
logo
Maxim Integrated Produc...
DS2762 MAXIM-DS2762 Datasheet
262Kb / 25P
High-Precision Li Battery Monitor With Alerts
REV: 111703
logo
Intersil Corporation
ISL94203IRTZ INTERSIL-ISL94203IRTZ Datasheet
1Mb / 63P
3-to-8 Cell Li-ion Battery Pack Monitor
August 17, 2015
logo
Maxim Integrated Produc...
DS2761 MAXIM-DS2761 Datasheet
316Kb / 24P
High-Precision Li Battery Monitor
010906
DS2760 MAXIM-DS2760 Datasheet
295Kb / 25P
High-Precision Li Battery Monitor
010906
DS2764 MAXIM-DS2764_V01 Datasheet
191Kb / 20P
High-Precision Li Battery Monitor with 2-Wire Interface
2006
logo
Sciosense B.V.
BCM1 SCIOSENSE-BCM1 Datasheet
2Mb / 2P
Battery Condition Monitor for Li-Ion batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com