Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N7002KB Datasheet (PDF) - GOOD-ARK Electronics

2N7002KB Datasheet PDF - GOOD-ARK Electronics
Part # 2N7002KB
Download  2N7002KB Download
File Size   675.68 Kbytes
Page   6 Pages
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics
Description 60V N-Channel MOSFET

2N7002KB Datasheet (PDF)

Go To PDF Page Download Datasheet
2N7002KB Datasheet PDF - GOOD-ARK Electronics

Part # 2N7002KB
Download  2N7002KB Click to download

File Size   675.68 Kbytes
Page   6 Pages
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics
Description 60V N-Channel MOSFET

2N7002KB Datasheet (HTML) - GOOD-ARK Electronics


2N7002KB Product details

Description
It utilizes the latest processing techniques to achieve the high cell density and reduces the on-resistance with high repetitive avalanche rating. These features combine to make this design an extremely efficient and reliable device for use in power switching application and a wide variety of other applications.

Features and Benefits
■ Advanced MOSFET process technology
■ Special designed for PWM, load switching and general purpose applications
■ Ultra low on-resistance with low gate charge
■ Fast switching and reverse body recovery
■ ESD Rating:1000V HBM
■ 150℃ operating temperature
■ Lead free product




Similar Part No. - 2N7002KB

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
2N7002KB SILIKRON-2N7002KB Datasheet
507Kb / 7P
Main Product Characteristics
logo
VBsemi Electronics Co.,...
2N7002KB VBSEMI-2N7002KB Datasheet
1,004Kb / 8P
N-Channel 60-V (D-S) MOSFET
logo
Rectron Semiconductor
2N7002KB RECTRON-2N7002KB Datasheet
509Kb / 5P
N-Channel Enhancement Mode Power MOSFET
2020-11/03 REV:B
2N7002KB RECTRON-2N7002KB Datasheet
509Kb / 5P
N-Channel Enhancement Mode Power MOSFET
2020-11/03 REV:O
2N7002KBS3 RECTRON-2N7002KBS3 Datasheet
191Kb / 5P
N-Channel Mosfet
2023-06/89 REV:O
More results


Similar Description - 2N7002KB

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD13N06 FAIRCHILD-FQD13N06 Datasheet
659Kb / 10P
60V N-Channel MOSFET
FQD20N06 FAIRCHILD-FQD20N06 Datasheet
660Kb / 9P
60V N-Channel MOSFET
FQP20N06 FAIRCHILD-FQP20N06 Datasheet
655Kb / 8P
60V N-Channel MOSFET
FQP30N06 FAIRCHILD-FQP30N06 Datasheet
660Kb / 8P
60V N-Channel MOSFET
FQP85N06 FAIRCHILD-FQP85N06 Datasheet
647Kb / 8P
60V N-Channel MOSFET
FQPF30N06 FAIRCHILD-FQPF30N06 Datasheet
645Kb / 8P
60V N-Channel MOSFET
FQPF50N06 FAIRCHILD-FQPF50N06 Datasheet
630Kb / 8P
60V N-Channel MOSFET
FDP65N06 FAIRCHILD-FDP65N06 Datasheet
598Kb / 8P
60V N-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM2N7000K TSC-TSM2N7000K Datasheet
187Kb / 5P
60V N-Channel MOSFET
TSM10N06 TSC-TSM10N06 Datasheet
302Kb / 6P
60V N-Channel MOSFET
More results




About GOOD-ARK Electronics


GOOD-ARK Electronics is a multinational company based in Taiwan that specializes in the design, development, and production of diodes, rectifiers, and transient voltage suppressors (TVS) for various applications. The company was founded in 1990 and has since expanded globally, with subsidiaries and sales offices in Asia, Europe, and the Americas.

GOOD-ARK Electronics' product portfolio includes a wide range of diodes, including standard, high-voltage, high-current, and ultrafast types, as well as TVS devices for ESD and surge protection. The company's products are used in various industries, such as automotive, consumer electronics, telecommunications, and industrial automation.

GOOD-ARK Electronics is committed to quality, reliability, and innovation, and it has obtained numerous certifications, such as ISO 9001, ISO 14001, and IATF 16949. The company's advanced manufacturing facilities and stringent quality control processes ensure that its products meet the highest standards of performance and reliability.

GOOD-ARK Electronics is recognized as one of the leading diode manufacturers in the world, with a strong reputation for providing high-quality and cost-effective solutions to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com