Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N7002KB Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # 2N7002KB
Description  60V N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

2N7002KB Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  2N7002KB Datasheet HTML 1Page - GOOD-ARK Electronics 2N7002KB Datasheet HTML 2Page - GOOD-ARK Electronics 2N7002KB Datasheet HTML 3Page - GOOD-ARK Electronics 2N7002KB Datasheet HTML 4Page - GOOD-ARK Electronics 2N7002KB Datasheet HTML 5Page - GOOD-ARK Electronics 2N7002KB Datasheet HTML 6Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2N7002KB
60V N-Channel MOSFET
www.goodark.com
Page 2 of 6
Rev.1.0
Electrical Characteristics @TA=25℃ unless otherwise specified
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
V(BR)DSS
Drain-to-Source breakdown voltage
60
—
—
V
VGS = 0V, ID = 250μA
—
1.5
2
VGS=10V, ID=0.5A
RDS(on)
Static Drain-to-Source on-resistance
—
—
3
Ω
VGS=5V, ID=0.05A
VGS(th)
Gate threshold voltage
1
—
2.5
V
VDS = VGS, ID = 250μA
IDSS
Drain-to-Source leakage current
—
—
1
μA
VDS = 60V,VGS = 0V
—
—
±100
nA
VGS=±5V,VDS=0V
IGSS
Gate-to-Source forward leakage
—
—
±10
uA
VGS=±20V,VDS=0V
td(on)
Turn-on delay time
—
—
25
td(off)
Turn-Off delay time
—
—
35
ns
VGS=10V, VDS=30V,
ID=0.2A,RGEN=10Ω
Ciss
Input capacitance
—
40
—
Coss
Output capacitance
—
16.6
—
Crss
Reverse transfer capacitance
—
9.5
—
pF
VGS = 0V
VDS = 25V
ƒ = 1MHz
Source-Drain Ratings and Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
IS
Continuous Source Current
(Body Diode)
—
—
0.3
A
ISM
Pulsed Source Current
(Body Diode)
—
—
1.2
A
MOSFET symbol
showing
the
integral reverse
p-n junction diode.
V
SD
Diode Forward Voltage
—
—
1.3
V
IS=0.2A, VGS=0V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com