Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N7002KB Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # 2N7002KB
Description  60V N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

2N7002KB Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  2N7002KB Datasheet HTML 1Page - GOOD-ARK Electronics 2N7002KB Datasheet HTML 2Page - GOOD-ARK Electronics 2N7002KB Datasheet HTML 3Page - GOOD-ARK Electronics 2N7002KB Datasheet HTML 4Page - GOOD-ARK Electronics 2N7002KB Datasheet HTML 5Page - GOOD-ARK Electronics 2N7002KB Datasheet HTML 6Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2N7002KB
60V N-Channel MOSFET
www.goodark.com
Page 1 of 6
Rev.1.0
Main Product Characteristics
Features and Benefits
Description
Absolute Max Rating
Symbol
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V①
0.3
IDM
Pulsed Drain Current②
1.2
A
PD @TC = 25°C
Power Dissipation③
0.63
W
VDS
Drain-Source Voltage
60
V
VGS
Gate-to-Source Voltage
± 20
V
TJ
TSTG
Operating Junction and Storage Temperature Range
-55 to +150
°C
Thermal Resistance
Symbol
Characteristics
Typ.
Max.
Units
RθJA
Junction-to-ambient (t ≤ 10s) ④
—
200
℃/W
VDSS
60V
RDS(on)
2Ω(max.)
ID
0.3A
SOT-23
Schematic Diagram
Advanced MOSFET process technology
Special designed for PWM, load switching and
general purpose applications
Ultra low on-resistance with low gate charge
Fast switching and reverse body recovery
ESD Rating:1000V HBM
150℃ operating temperature
Lead free product
It utilizes the latest processing techniques to achieve the high cell density and reduces the on-resistance with
high repetitive avalanche rating. These features combine to make this design an extremely efficient and reliable
device for use in power switching application and a wide variety of other applications.
Marking and Pin
Assignment


Similar Part No. - 2N7002KB

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
2N7002KB SILIKRON-2N7002KB Datasheet
507Kb / 7P
Main Product Characteristics
logo
VBsemi Electronics Co.,...
2N7002KB VBSEMI-2N7002KB Datasheet
1,004Kb / 8P
N-Channel 60-V (D-S) MOSFET
logo
Rectron Semiconductor
2N7002KB RECTRON-2N7002KB Datasheet
509Kb / 5P
N-Channel Enhancement Mode Power MOSFET
2020-11/03 REV:B
2N7002KB RECTRON-2N7002KB Datasheet
509Kb / 5P
N-Channel Enhancement Mode Power MOSFET
2020-11/03 REV:O
2N7002KBS3 RECTRON-2N7002KBS3 Datasheet
191Kb / 5P
N-Channel Mosfet
2023-06/89 REV:O
More results

Similar Description - 2N7002KB

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD13N06 FAIRCHILD-FQD13N06 Datasheet
659Kb / 10P
60V N-Channel MOSFET
FQD20N06 FAIRCHILD-FQD20N06 Datasheet
660Kb / 9P
60V N-Channel MOSFET
FQP20N06 FAIRCHILD-FQP20N06 Datasheet
655Kb / 8P
60V N-Channel MOSFET
FQP30N06 FAIRCHILD-FQP30N06 Datasheet
660Kb / 8P
60V N-Channel MOSFET
FQP85N06 FAIRCHILD-FQP85N06 Datasheet
647Kb / 8P
60V N-Channel MOSFET
FQPF30N06 FAIRCHILD-FQPF30N06 Datasheet
645Kb / 8P
60V N-Channel MOSFET
FQPF50N06 FAIRCHILD-FQPF50N06 Datasheet
630Kb / 8P
60V N-Channel MOSFET
FDP65N06 FAIRCHILD-FDP65N06 Datasheet
598Kb / 8P
60V N-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM2N7000K TSC-TSM2N7000K Datasheet
187Kb / 5P
60V N-Channel MOSFET
TSM10N06 TSC-TSM10N06 Datasheet
302Kb / 6P
60V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com