Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N7002KB Datasheet(PDF) 5 Page - GOOD-ARK Electronics

Part # 2N7002KB
Description  60V N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

2N7002KB Datasheet(HTML) 5 Page - GOOD-ARK Electronics

  2N7002KB Datasheet HTML 1Page - GOOD-ARK Electronics 2N7002KB Datasheet HTML 2Page - GOOD-ARK Electronics 2N7002KB Datasheet HTML 3Page - GOOD-ARK Electronics 2N7002KB Datasheet HTML 4Page - GOOD-ARK Electronics 2N7002KB Datasheet HTML 5Page - GOOD-ARK Electronics 2N7002KB Datasheet HTML 6Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2N7002KB
60V N-Channel MOSFET
www.goodark.com
Page 5 of 6
Rev.1.0
Mechanical Data
Min
Max
Min
Max
A
0.900
1.150
0.035
0.045
A1
0.000
0.100
0.000
0.004
A2
0.900
1.050
0.035
0.041
b
0.300
0.500
0.012
0.020
c
0.080
0.150
0.003
0.006
D
2.800
3.000
0.110
0.118
E
1.200
1.400
0.047
0.055
E1
2.250
2.550
0.089
0.100
e
e1
1.800
2.000
0.071
0.079
L
L1
0.300
0.500
0.012
0.020
θ
0
0
8
0
0
0
8
0
Symbol
Dimension In M illimeters
Dimension In Inche s
0.95TYP
0.037TYP
0.55REF
0.022REF
SOT-23 PACKAGE OUTLINE DIMENSION



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com