Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACA-107-T Datasheet (PDF) - Abracon Corporation

ACA-107-T Datasheet PDF - Abracon Corporation
Part # ACA-107-T
Download  ACA-107-T Download
File Size   2707.5 Kbytes
Page   3 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description UWB Chip Antenna 3200 ~ 7200MHz

ACA-107-T Datasheet (PDF)

Go To PDF Page Download Datasheet
ACA-107-T Datasheet PDF - Abracon Corporation

Part # ACA-107-T
Download  ACA-107-T Click to download

File Size   2707.5 Kbytes
Page   3 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description UWB Chip Antenna 3200 ~ 7200MHz

ACA-107-T Datasheet (HTML) - Abracon Corporation




Similar Part No. - ACA-107-T

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACA-101-T ABRACON-ACA-101-T Datasheet
1Mb / 3P
WiFi / Bluetooth Chip Antenna 2400 ~ 2485MHz
10.03.13
ACA-102-T ABRACON-ACA-102-T Datasheet
1Mb / 3P
WiFi / Bluetooth Chip Antenna 2400 ~ 2485 MHz
10.03.13
ACA-103-T ABRACON-ACA-103-T Datasheet
1Mb / 4P
Bluetooth / WiFi / Dual Band Chip Antenna 2.4 ~ 5.4GHz
10.03.13
ACA-104-T ABRACON-ACA-104-T Datasheet
1Mb / 3P
GPS Chip Antenna 1575.00MHz
10.03.13
ACA-105-T ABRACON-ACA-105-T Datasheet
1Mb / 5P
Surface Mount Multiband Chip Antenna 490 / 783 / 868 & 915MHz
10.06.14
More results


Similar Description - ACA-107-T

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
DCA-E03 MITSUMI-DCA-E03 Datasheet
44Kb / 2P
Small UWB Antenna
logo
Johanson Technology Inc...
3100AT51A7200 JOHANSON-3100AT51A7200 Datasheet
369Kb / 4P
Ultra Wide Band (UWB) Chip Antenna 3.1 -10.3 GHz
7000AT18A1600 JOHANSON-7000AT18A1600 Datasheet
510Kb / 5P
7GHz Mini UWB Antenna
logo
TDK Electronics
ANT1085-4R1-01A-ES4.5 TDK-ANT1085-4R1-01A-ES4.5 Datasheet
91Kb / 4P
LTCC CHIP ANTENNA FOR UWB
logo
Abracon Corporation
ACG0301U ABRACON-ACG0301U Datasheet
1Mb / 12P
UWB: 6.2 – 8.2 GHz Chip Antenna
09-23-22
ACG0502U ABRACON-ACG0502U Datasheet
917Kb / 11P
UWB: 3.7 – 4.2 GHz Chip Antenna
09-21-22
ACG0806U ABRACON-ACG0806U Datasheet
1Mb / 14P
UWB: 3.3 – 7.2 GHz Chip Antenna
09-23-22
logo
AVX Corporation
1005188F0 AVX-1005188F0 Datasheet
2Mb / 5P
UWB FPC Embedded Antenna
1/7/2020
1005190F0 AVX-1005190F0 Datasheet
842Kb / 5P
UWB FPC Embedded Antenna
1/7/2020
logo
Abracon Corporation
ACR0301U-EVB ABRACON-ACR0301U-EVB Datasheet
414Kb / 3P
Evaluation Board - 6.24 ~ 8.50 GHz UWB - Chip Antenna
09-15-21
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com