Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-0721 Datasheet (PDF) - Agilent(Hewlett-Packard)

HCPL-0721 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HCPL-0721
Download  HCPL-0721 Download
File Size   305.87 Kbytes
Page   18 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 40 ns Propagation Delay CMOS Optocoupler

HCPL-0721 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL-0721 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HCPL-0721
Download  HCPL-0721 Click to download

File Size   305.87 Kbytes
Page   18 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 40 ns Propagation Delay CMOS Optocoupler

HCPL-0721 Datasheet (HTML) - Agilent(Hewlett-Packard)


HCPL-0721 Product details

Description

Available in either an 8-pin DIP or SO-8 package style respectively, the HCPL-772X or HCPL-072X

optocouplers utilize the latest CMOS IC technology to achieve outstanding performance with very

low power consumption.



Features

• +5 V CMOS compatibility

• 20 ns maximum prop. delay skew

• High speed: 25 MBd

• 40 ns max. prop. delay

• 10 kV/µs minimum common mode rejection

• –40 to 85°C temperature range

• Safety and regulatory approvals

  UL recognized

    3750 V rms for 1 min. per UL 1577

  CSA component acceptance notice #5

  IEC/EN/DIN EN 60747-5-2

    –VIORM= 630 Vpeak for HCPL-772X option 060

    –VIORM= 560 Vpeak for HCPL-072X option 060



Applications

• Digital fieldbus isolation: CC-Link, DeviceNet, Profibus, SDS

• AC plasma display panel level shifting

• Multiplexed data transmission

• Computer peripheral interface

• Microprocessor system interface




Similar Part No. - HCPL-0721

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0721 AVAGO-HCPL-0721 Datasheet
292Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler High speed: 25 MBd
logo
Broadcom Corporation.
HCPL-0721 BOARDCOM-HCPL-0721 Datasheet
903Kb / 21P
40-ns Propagation Delay, CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0721-000E AVAGO-HCPL-0721-000E Datasheet
292Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler
HCPL-0721-060E AVAGO-HCPL-0721-060E Datasheet
292Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler
HCPL-0721-500E AVAGO-HCPL-0721-500E Datasheet
292Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler
More results


Similar Description - HCPL-0721

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7720 AVAGO-HCPL-7720 Datasheet
292Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler
HCPL-7710 AVAGO-HCPL-7710 Datasheet
332Kb / 17P
40 ns Propagation Delay, CMOS Optocoupler 8 ns maximum pulse width distortion
HCPL-0720 AVAGO-HCPL-0720 Datasheet
292Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler High speed: 25 MBd
HCPL-7721-000E AVAGO-HCPL-7721-000E Datasheet
306Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler
HCPL-7721-520 AVAGO-HCPL-7721-520 Datasheet
292Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler
HCPL-0720-500E AVAGO-HCPL-0720-500E Datasheet
292Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler
HCPL-7710-000E AVAGO-HCPL-7710-000E Datasheet
305Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-7710 HP-HCPL-7710 Datasheet
454Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-P343 AVAGO-ACPL-P343 Datasheet
283Kb / 20P
200 ns maximum propagation delay
logo
Broadcom Corporation.
HCPL-0720 BOARDCOM-HCPL-0720 Datasheet
903Kb / 21P
40-ns Propagation Delay, CMOS Optocoupler
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com