| Manufacturer | Part # | Datasheet | Description |
 Texas Instruments |
TPS73101-EP
|
623Kb / 22P |
CAP-FREE NMOS 150 mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
|
 ABLIC Inc. |
S-13A1
|
1Mb / 74P |
5.5 V INPUT, 1000 mA VOLTAGE REGULATOR
Rev.2.2_00 |
|
S-13D1
|
479Kb / 45P |
5.5 V INPUT, 150 mA, 2-CIRCUIT VOLTAGE REGULATOR WITH DELAY FUNCTION
Rev.1.4_00 |
|
S-1135
|
558Kb / 48P |
5.5 V INPUT, 300 mA VOLTAGE REGULATOR
Rev.2.3_00 |
|
S-1312
|
540Kb / 47P |
5.5 V INPUT, 150 mA VOLTAGE REGULATOR
Rev.2.5_00 |
|
S-1312XXXH
|
1Mb / 39P |
105°C OPERATION, 5.5 V INPUT, 150 mA VOLTAGE REGULATOR
Rev.1.2_00 |
|
S-1313
|
825Kb / 56P |
5.5 V INPUT, 200 mA VOLTAGE REGULATOR
Rev.2.2_00 |
|
S-1333
|
676Kb / 47P |
5.5 V INPUT, 300 mA VOLTAGE REGULATOR
Rev.2.4_00 |
|
S-19251
|
908Kb / 41P |
AUTOMOTIVE, 105째C OPERATION, 5.5 V INPUT, 150 mA VOLTAGE REGULATOR
Rev.1.1_01 |
|
S-19252
|
848Kb / 57P |
AUTOMOTIVE, 105째C OPERATION, 5.5 V INPUT, 150 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.1.1_00 |