Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSM2 Datasheet (PDF) - Transko Electronics, Inc.

Part # TPSM2
Description  ULTRA MINIATURE SMD PECL OUTPUT OSCILLATOR (2.5 x 2.0 x 1.1mm)
File Size   137.02 Kbytes
Html View  1 
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TPSM2 Datasheet (PDF) - Transko Electronics, Inc.



Similar Part No. - TPSM2

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPSM24CANA-02HTG TECHPUBLIC-TPSM24CANA-02HTG Datasheet
1Mb / 4P
CAN bus ESD protection diode
TPSM24CANB-02HTG TECHPUBLIC-TPSM24CANB-02HTG Datasheet
988Kb / 4P
Can bus Esd Protection Diode
logo
Texas Instruments
TPSM265R1 TI1-TPSM265R1 Datasheet
674Kb / 29P
TPSM265R1 65-V Input, 100-mA Power Module with Ultra-Low IQ
TPSM265R1 TI1-TPSM265R1 Datasheet
976Kb / 32P
TPSM265R1 65-V Input, 100-mA Power Module with Ultra-Low IQ
TPSM265R1SILR TI1-TPSM265R1SILR Datasheet
976Kb / 32P
TPSM265R1 65-V Input, 100-mA Power Module with Ultra-Low IQ
More results


Similar Description - TPSM2

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TG32 TRANSKO-TG32 Datasheet
405Kb / 2P
MINIATURE CERAMIC SMD OSCILLATOR (3.2 x 2.5 x 1.1mm)
Rev 5: 11-17-2021
THC22 TRANSKO-THC22 Datasheet
158Kb / 1P
ULTRA MINIATURE SMD HCSL OUTPUT OSCILLATOR (2.5 x 2.0 x 1.1mm)
Rev. 0: Apr. 2019
TIP22 TRANSKO-TIP22 Datasheet
454Kb / 1P
MINIATURE SMD OSCILLATOR (2.5 x 2.0 x 1.0mm)
Rev.1: Mar. 2015
TIP32 TRANSKO-TIP32 Datasheet
458Kb / 1P
MINIATURE SMD OSCILLATOR (3.2 x 2.5 x 1.1mm)
Rev. 3: Aug. 2015
TISM2 TRANSKO-TISM2 Datasheet
165Kb / 1P
ULTRA MINIATURE SMD LVDS OUTPUT OSCILLATOR (2.5 x 2.0 x 1.1mm)
Rev. 0: Apr. 2019
TP22 TRANSKO-TP22 Datasheet
453Kb / 1P
MINIATURE SMD PROGRAMMABLE OSCILLATOR (2.5 x 2.0 x 1.0mm)
Rev.1: Jul. 2014
TPSM3 TRANSKO-TPSM3 Datasheet
107Kb / 1P
CERAMIC PECL MINIATURE SMD OSCILLATOR (3.2 x 2.5 x 1.2mm)
Rev. 0: Apr. 2019
TSI22 TRANSKO-TSI22 Datasheet
453Kb / 1P
MINIATURE SMD REAL TIME OSCILLATOR (2.5 x 2.0 x 1.0mm)
Rev.4: Mar. 2015
TSM22 TRANSKO-TSM22 Datasheet
292Kb / 1P
ULTRA MINIATURE SMD CMOS OSCILLATOR (2.5 x 2.0 x 1.0mm)
Rev 5: 02-24-2022
TVM26 TRANSKO-TVM26 Datasheet
760Kb / 1P
CMOS MINIATURE SMD VCXO (2.5 x 2.0 x 1.1mm)
Rev. 0: Aug, 2020
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com