Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSI22 Datasheet (PDF) - Transko Electronics, Inc.

Part # TSI22
Description  MINIATURE SMD REAL TIME OSCILLATOR (2.5 x 2.0 x 1.0mm)
File Size   453.98 Kbytes
Html View  1 
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TSI22 Datasheet (PDF) - Transko Electronics, Inc.



Similar Part No. - TSI22

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSI220B1 STMICROELECTRONICS-TSI220B1 Datasheet
162Kb / 9P
TERMINAL SET INTERFACE PROTECTION AND DIODE BRIDGE
Oct-2003
More results


Similar Description - TSI22

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TEI31 TRANSKO-TEI31 Datasheet
418Kb / 1P
MINIATURE SMD OSCILLATOR (3.2 x 1.5 x 1.0mm)
Ver.1: Mar. 2015
TEI32 TRANSKO-TEI32 Datasheet
422Kb / 1P
MINIATURE SMD OSCILLATOR (3.2 x 2.5 x 1.0mm)
Ver.1: Mar. 2015
TIP22 TRANSKO-TIP22 Datasheet
454Kb / 1P
MINIATURE SMD OSCILLATOR (2.5 x 2.0 x 1.0mm)
Rev.1: Mar. 2015
TP22 TRANSKO-TP22 Datasheet
453Kb / 1P
MINIATURE SMD PROGRAMMABLE OSCILLATOR (2.5 x 2.0 x 1.0mm)
Rev.1: Jul. 2014
TP32 TRANSKO-TP32 Datasheet
463Kb / 1P
MINIATURE SMD PROGRAMMABLE OSCILLATOR (3.2 x 2.5 x 1.0mm)
Rev.5: Aug. 2015
TSI21 TRANSKO-TSI21 Datasheet
465Kb / 1P
MINIATURE SMD REAL TIME CLOCK (2.0 x 1.6 x 0.8mm)
Rev.0: Mar. 2017
TSI32 TRANSKO-TSI32 Datasheet
470Kb / 1P
MINIATURE SMD REAL TIME CLOCK (3.2 x 2.5 x 1.0mm)
Rev.7: Aug. 2015
TSI53 TRANSKO-TSI53 Datasheet
412Kb / 1P
MINIATURE SMD REAL TIME OSCILLATOR (3.2 x 2.5 x 1.0mm)
Ver.1: Mar. 2015
TSM22 TRANSKO-TSM22 Datasheet
292Kb / 1P
ULTRA MINIATURE SMD CMOS OSCILLATOR (2.5 x 2.0 x 1.0mm)
Rev 5: 02-24-2022
TSMV2 TRANSKO-TSMV2 Datasheet
376Kb / 1P
CMOS MINIATURE SMD VCXO (2.5 x 2.0 x 1.0mm)
Rev. 0: Jul. 2015
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com