Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

LPS Marking, LP6230AMSF Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP6230AMSF
Description  High Efficiency 1.4A/30VBoost DC/DC Convertor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6230AMSF Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP6230AMSF Datasheet HTML 1Page - Lowpower Semiconductor inc LP6230AMSF Datasheet HTML 2Page - Lowpower Semiconductor inc LP6230AMSF Datasheet HTML 3Page - Lowpower Semiconductor inc LP6230AMSF Datasheet HTML 4Page - Lowpower Semiconductor inc LP6230AMSF Datasheet HTML 5Page - Lowpower Semiconductor inc LP6230AMSF Datasheet HTML 6Page - Lowpower Semiconductor inc LP6230AMSF Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LP6230A–01
Oct.-2013
Email: marketing@lowpowersemi.com
www.Lowpowersemi.com
Page 1 of 7
Preliminary Datasheet
LP6230A
High Efficiency 1.4A/30VBoost DC/DC Convertor
General Description
The LP6320A is a 1.2MHz PWM boost switching
regulator designed for constant-voltage boost
applications. The LP6230A can drive a string of up to
30V. The LP6230A implements a constant frequency
1.2MHz PWM control scheme. The high frequency
PWM operation also saves board space by reducing
external component sizes. The LP6230A features
automatic shifting to pulse frequency modulation mode
at light loads.Highly integration and internal
compensation network minimizes as 6 external
component counts. Optimized operation frequency
can meet the requirement of small LC filters value and
low operation current with high efficiency.
The LP6230A includes under-voltage lockout, current
limiting, and thermal overload protection to prevent
damage in the event of an output overload. The
LP6230A is available in a small 8-pin MSOP8
package.
Ordering Information
LP6230A □ □
□
F: Pb-Free
Package Type
MS: MSOP-8
Features
Up to 92% efficiency
Shut-down current:<1uA
Output voltageUp to 30V
Internal Compensation
1.2MHz fixed frequency switching
High switch on current: 1.4A
Available in MSOP8Package
Applications
Battery products
Host Products
Panel
Typical Application Circuit
VDD
EN
FB
LP6230A
5V
L
3.3uH
VIN
C2
22uF
R2
10k
SS24
R1
30k
C1
22uF
Chip
Control
C3
1nF
Marking Information
Device
Marking
Package
Shipping
LP6230AMSF
LPS
LP6230
YWX
MSOP-8
3K/REEL


Similar Description - LP6230AMSF

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
ELP6230A E-CMOS-ELP6230A Datasheet
306Kb / 8P
High Efficiency 1A/30V Boost DC/DC Convertor
logo
Lowpower Semiconductor ...
LP6212A POWER-LP6212A Datasheet
731Kb / 7P
High Efficiency 4A Boost DC/DC Convertor
LP6218 POWER-LP6218 Datasheet
714Kb / 9P
High Efficiency 2.1A Boost DC/DC Convertor
LP6226 POWER-LP6226 Datasheet
935Kb / 7P
High Efficiency Boost DC/DC Convertor
LP6230B POWER-LP6230B Datasheet
562Kb / 7P
High Efficiency 2.4A Boost DC/DC Convertor
LP6235 POWER-LP6235 Datasheet
420Kb / 6P
High Efficiency 3A Boost DC/DC Convertor
LP6236 POWER-LP6236 Datasheet
878Kb / 9P
High Efficiency 2.0A Boost DC/DC Convertor
LP6216 POWER-LP6216 Datasheet
596Kb / 8P
High Efficiency 3A Boost DC/DC Convertor
LP6221A POWER-LP6221A Datasheet
439Kb / 7P
High Efficiency 10A Boost DC/DC Convertor
LP6222 POWER-LP6222 Datasheet
651Kb / 9P
High Efficiency Boost DC/DC Convertor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com