Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

LPS Marking, LP6230AMSF Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP6230AMSF
Description  High Efficiency 1.4A/30VBoost DC/DC Convertor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6230AMSF Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP6230AMSF Datasheet HTML 1Page - Lowpower Semiconductor inc LP6230AMSF Datasheet HTML 2Page - Lowpower Semiconductor inc LP6230AMSF Datasheet HTML 3Page - Lowpower Semiconductor inc LP6230AMSF Datasheet HTML 4Page - Lowpower Semiconductor inc LP6230AMSF Datasheet HTML 5Page - Lowpower Semiconductor inc LP6230AMSF Datasheet HTML 6Page - Lowpower Semiconductor inc LP6230AMSF Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LP6230A–01
Oct.-2013
Email: marketing@lowpowersemi.com
www.Lowpowersemi.com
Page 3 of 7
Preliminary Datasheet
LP6230A
Application Circuit
VDD
EN
FB
LP6230A
Vout1: 5V
3.3uH
VIN
C2
22uF
R2
10k
SS24
R1
30k
C1
22uF
Chip
Control
C3
1nF
Vout2: 10V
Vout3: -5V
C3
1uF
C4
1uF
D1
D2
D3
D4
C5
2.2uF
C6
2.2uF
LP6230A Application Circuit of LCD Bias



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com