| Electronic Components Datasheet Search |
|
LPS Marking, LP6230AMSF Datasheet(PDF) 2 Page - Lowpower Semiconductor inc |
|
||||||||||||||||||||||||||||||
LP6230AMSF Datasheet(HTML) 2 Page - Lowpower Semiconductor inc |
|
2 / 7 page ![]() LP6230A–01 Oct.-2013 Email: marketing@lowpowersemi.com www.Lowpowersemi.com Page 2 of 7 Preliminary Datasheet LP6230A Pin Configurations FB EN GND NC NC VDD SW 1 2 3 4 5 6 7 8 NC Functional Pin Description PIN PIN Name Description 1,7,8 NC No Connection. 2 FB Regulation Feedback Input. Connect to an external resistive voltage divider from the output to FB to set the output voltage. 3 EN Regulator On/off Control Input. A logic high input(VEN>1.4V) turns on the regulator. A logic low input(VEN<0.4V) puts the LP6230A into low current shutdown mode. 4 GND Ground. 5 SW Switching pin. 6 VDD Power Supply pin. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |