| Electronic Components Datasheet Search |
|
LPS Marking, LP6230AMSF Datasheet(PDF) 4 Page - Lowpower Semiconductor inc |
|
||||||||||||||||||||||||||||||
LP6230AMSF Datasheet(HTML) 4 Page - Lowpower Semiconductor inc |
|
4 / 7 page ![]() LP6230A–01 Oct.-2013 Email: marketing@lowpowersemi.com www.Lowpowersemi.com Page 4 of 7 Preliminary Datasheet LP6230A Function Block Diagram FB EN SHUTDOWN CIRCUITRY UVLO SOFT START CONTROL AND DRIVER LOGIC SLOPE COMPENSASION OSCILLATOR OVP VDD SW GND OTP SHORT CIRCUIT COMP. Error Amp. PWM COMP. CURRENT SENSE AMP. 10μA 0.3V 1.25V Σ + + + + - - - - Absolute Maximum Ratings Note 1 Input to GND ------------------------------------------------------------------------------------------------------ -03V to 6V SW Pin to GND ----------------------------------------------------------------------------------------------------------- 36V Other Pin to GND (VFB,VEN) --------------------------------------------------------------------------------------------- 6V Operation Junction Temperature Range ------------------------------------------------------------------------ 150℃ Operation Ambient Temperature Range -------------------------------------------------------------- -40℃ to 85℃ Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------- 260℃ Note 1. Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Thermal Information Maximum Power Dissipation (MSOP8,PD,TA=25℃) ------------------------------------------------------ 900mW Thermal Resistance (θJA) ---------------------------------------------------------------------------------------- 165℃/W |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |