| Electronic Components Datasheet Search |
|
LPS Marking, LP6285 Datasheet(PDF) 6 Page - Lowpower Semiconductor inc |
|
||||||||||||||||||||||||||||||
LP6285 Datasheet(HTML) 6 Page - Lowpower Semiconductor inc |
|
6 / 8 page ![]() Preliminary Datasheet LP6285 Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 6 of 8 LP6285–00 Version 0.1 MAR.-2017 Electrical Characteristics (VIN =3.3V, VAVDD =10V, TA=25°C, unless otherwise specified) Parameter Symbol Test Conditions Min Typ Max Units General VIN Input Supply Voltage VIN 2.5 5.5 V AVDD AVDD 6 18 V AVDD Over Voltage Protect VOVP 18 20 V Boost Switching Frequency FLX 1 1.2 1.4 MHz Charge Pump Frequency FCP 500 600 700 kHz VIN Supply Current IQ VFB=1.3V, LX no Switching 0.3 0.6 mA VFB=1.1V, LX Switching 0.8 2 mA AVDD Operation Current IAVDD 0.6 0.9 mA Input UVLO Threshold VUVLO(VTH) VIN Rising 1.8 2 2.2 V UVLO Threshold Hysteresis VUVLO(HYS) Falling Hysteresis 100 mV Reference Voltage VREF 1.176 1.2 1.224 V Thermal Shutdown Threshold TSD 150 °C Thermal Shutdown Hysteresis 30 °C Boost Regulator Maximum Duty-Cycle DMAX 86 90 94 % Feedback Voltage VFB 1.188 1.2 1.212 V Transcocnductance Gm ΔI=5uA 70 uA/V Voltage Gain AV 700 V/V Switch-ON Resistance RDS(ON) 200 500 m Ω Current Limit ILimit 2.5 A LX Leak Current ILeak LX Off. 0.01 1 uA Internal Soft Start Time TSS 10 ms UVP Fault Protection Voltage VUVP VFB Falling 0.95 V UVP Fault Delay TUVP 100 ms Short Circuit Protection Voltage VSCP 100 mV |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |