| Electronic Components Datasheet Search |
|
LPS Marking, LP6285 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc |
|
||||||||||||||||||||||||||||||
LP6285 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc |
|
1 / 8 page ![]() Preliminary Datasheet LP6285 Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 1 of 8 LP6285–00 Version 0.1 MAR.-2017 Multi-Channel DC-DC Converter for LCD Panel General Description The LP6285 includes a high-efficiency boost regulator, a VCOM buffer, and dual charge pump controller for active matrix TFT LCDs. The converter is a high switching frequency current-mode regulator with an integrated N-Channel 200m Ω MOSFET that allows the use of small inductors and ceramic capacitors. The Unity-Gain buffer can drive the VCOM voltage, that features high short-circuit current, fast slew rate and rail-to-rail inputs and outputs. The positive/negative charge pump controller provides regulated Gate-On voltage. The regulation of the charge pump is generated by the internal comparator that senses the output voltage and compares it with an internal reference. Other features include under-voltage protection, short circuit protection, thermal shutdown protection and under-voltage lockout (UVLO). The LP6285 is available in a space saving QFN-16 (0.5mm pitch) package. Order Information LP6285 □ □ □ F: Pb-Free Package Type QVF: QFN-16 Features Wide VIN Range: 2.5V to 5.5V 1.2MHz Current-Mode Boost Regulator Adjustable Output Voltage (±1%) Built-In 2.5A, 200m Ω N-MOSFET Internal Soft-Start Operation Amplifier for VCOM Buffer Adjustable Detecting Voltage Open-Drain Reset Output VGH and VGL Charge Pump Under-Voltage Protection Over-Temperature Protection Available in QFN-16 (3mm×3mm) RoHS Compliant Pb-Free Package Applications Photo Frame GPS Marking Information Device Marking Package Shipping LP6285 LPS LP6285 YWX QFN-16 3K/REEL Y: Y is year code. W: W is week code. X: X is series number. |
Similar Description - LP6285 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |