| Electronic Components Datasheet Search |
|
LPS Marking, LP6285 Datasheet(PDF) 4 Page - Lowpower Semiconductor inc |
|
||||||||||||||||||||||||||||||
LP6285 Datasheet(HTML) 4 Page - Lowpower Semiconductor inc |
|
4 / 8 page ![]() Preliminary Datasheet LP6285 Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 4 of 8 LP6285–00 Version 0.1 MAR.-2017 Functional Pin Description Pin NO. Pin Name Description 1 DRVN VGL Charge-Pump Regulator Driver Output. 2 REF Reference Voltage Output. Connect a ceramic capacitor between REF and GND. 3 AGND Analog GND. 4, 5 NC No connection. 6 OPI Unity-Gain OP Input pin. 7 OPO Unity-Gain OP Output pin. 8 AVDD VDD for Source Driver Power. This also supplies the Charge-Pump/OPA power source. 9 PGND Power Ground. 10 LX Boost Regulator Switching Node. Connect the inductor and the schottky diode to LX. 11 VIN Supply Input. The input voltage range is between 2.5V to 5.5V. Connect a ceramic capacitor between VIN and GND. 12 FB Boost Regulator Feedback Input. Connect to an external resistive voltage divider from the output to FB to set the output voltage. 13 COMP Boost Regulator Error Amplifier Compensation Pin. 14 FBP VGH Charge-Pump Regulator Feedback Input. Connect to an external resistive voltage divider from the VGH to GND to set the output voltage. 15 DRVP VGH Charge-Pump Regulator Driver Output. 16 FBN VGL Charge-Pump Regulator Feedback Input. Connect to an external resistive voltage divider from the VGL to REF to set the output voltage. EP Exposed pad. Connect this pin to other gnd pin. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |