| Electronic Components Datasheet Search |
|
LPS Marking, LP6285 Datasheet(PDF) 7 Page - Lowpower Semiconductor inc |
|
||||||||||||||||||||||||||||||
LP6285 Datasheet(HTML) 7 Page - Lowpower Semiconductor inc |
|
7 / 8 page ![]() Preliminary Datasheet LP6285 Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 7 of 8 LP6285–00 Version 0.1 MAR.-2017 Electrical Characteristics (Continued) (VIN =3.3V, VAVDD =10V, TA=25°C, unless otherwise specified) Parameter Symbol Test Conditions Min Typ Max Units Charge Pump Charge Pump Soft Start Time TSS_CP 3.4 ms Positive Feedback Voltage VFBP 1.176 1.2 1.224 V DRVP Switch ON Resistance RDS_DRVP1 AVDD=10V, IDRVP=20mA 3 20 Ω RDS_DRVP2 3 20 Ω Negative Feedback Voltage VFBN 210 240 270 mV DRVN Switch ON Resistance RDS_DRVN1 3 20 Ω RDS_DRVN2 3 20 Ω Operation Amplifier Input Offset Voltage VOS VOPO=VAVDD/2 2 15 mV Output Voltage Swing High VOH ILoad = 500uA AVDD - 20 AVDD - 5 mV ILoad = 5mA AVDD - 200 AVDD - 50 Output Voltage Swing Low VOL ILoad = -500uA 5 20 ILoad = -5mA 150 200 Short Circuit Current VOP_Short VOPO=VAVDD/2 ±100 mA Slew Rate SR 8 12 V/us |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |