Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

N01A Marking, LM317EMP/NOPB Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # LM317EMP/NOPB
Description  LM117, LM317-N Wide Temperature Three-Pin Adjustable Regulator
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM317EMP/NOPB Datasheet(HTML) 24 Page - Texas Instruments

Back Button LM317EMP/NOPB Datasheet HTML 20Page - Texas Instruments LM317EMP/NOPB Datasheet HTML 21Page - Texas Instruments LM317EMP/NOPB Datasheet HTML 22Page - Texas Instruments LM317EMP/NOPB Datasheet HTML 23Page - Texas Instruments LM317EMP/NOPB Datasheet HTML 24Page - Texas Instruments LM317EMP/NOPB Datasheet HTML 25Page - Texas Instruments LM317EMP/NOPB Datasheet HTML 26Page - Texas Instruments LM317EMP/NOPB Datasheet HTML 27Page - Texas Instruments LM317EMP/NOPB Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 51 page
background image
LM117
mV
Short circuit current is approximately
, or 210 mA
R
600
3
-
LM317-N
24
LM117, LM317-N
SNVS774Q – MAY 2004 – REVISED JUNE 2020
www.ti.com
Product Folder Links: LM117 LM317-N
Submit Documentation Feedback
Copyright © 2004–2020, Texas Instruments Incorporated
Typical Applications (continued)
9.2.11 Current-Limited Voltage Regulator
A maximum limit on output current can be set using the circuit shown in Figure 29. The load current travels
through R3 and R4. As the load current increases, the voltage drop across R3 increases until the NPN transistor
is driven, during which the ADJ pin is pulled down to ground and the output voltage is pulled down to the
reference voltage of 1.25 V.
(Compared to LM117's higher current limit)
—At 50 mA output only ¾ volt of drop occurs in R3 and R4
Figure 29. Current-Limited Voltage Regulator
9.2.12 Adjusting Multiple On-Card Regulators With Single Control
Figure 30 shows how multiple LM117 regulators can be controlled by setting one resistor. Because each device
maintains the reference voltage of about 1.25 V between its VOUT and ADJ pins, we can connect each ADJ rail to
a single resistor, setting the same output voltage across all devices. This allows for independent outputs, each
responding to its corresponding input only. Designers must also consider that by the nature of the circuit,
changes to R1 and R2 will affect all regulators.
NOTE: *All outputs within ±100 mV
†Minimum load—10 mA
Figure 30. Adjusting Multiple On-Card Regulators With Single Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com