| Electronic Components Datasheet Search |
|
N01A Marking, LM317EMP/NOPB Datasheet(PDF) 1 Page - Texas Instruments |
|
|
||||||||||||||||||||||||||||||
LM317EMP/NOPB Datasheet(HTML) 1 Page - Texas Instruments |
|
1 / 51 page ![]() ( ) OUT ADJ R V = 1.25 V I R R 2 2 1 1 æ ö + + ç ÷ è ø LM317-N Product Folder Order Now Technical Documents Tools & Software Support & Community An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications, intellectual property matters and other important disclaimers. PRODUCTION DATA. LM117, LM317-N SNVS774Q – MAY 2004 – REVISED JUNE 2020 LM117, LM317-N Wide Temperature Three-Pin Adjustable Regulator 1 1 Features 1 • For a newer drop-in alternative, see the LM317 • Typ. 0.1% load regulation • Typ. 0.01%/V line regulation • 1.5-A output current • Adjustable output down to 1.25 V • Current limit constant with temperature • 80-dB ripple rejection • Short-circuit protected output • −55°C to 150°C operating temperature range (LM117) 2 Applications • Multifunction printers • AC drive power stage modules • Electricity meters • Servo drive control modules • Merchant network and server PSU Typical Application *Needed if device is more than 6 inches from filter capacitors. †Optional—improves transient response †† 3 Description The LM117 and LM317-N series of adjustable 3-pin positive voltage regulators are capable of supplying in excess of 1.5 A over a 1.25-V to 37-V output range and a wide temperature range. They are exceptionally easy to use and require only two external resistors to set the output voltage. Further, both line and load regulation are better than standard fixed regulators. The LM117 and LM317-N offer full overload protection such as current limit, thermal overload protection and safe area protection. All overload protection circuitry remains fully functional even if the adjustment terminal is disconnected. Typically, no capacitors are needed unless the device is situated more than 6 inches from the input filter capacitors, in which case an input bypass is needed. An optional output capacitor can be added to improve transient response. The adjustment terminal can be bypassed to achieve very high ripple rejection ratios that are difficult to achieve with standard 3-terminal regulators. Because the regulator is floating and detects only the input-to-output differential voltage, supplies of several hundred volts can be regulated as long as the maximum input-to-output differential is not exceeded. That is, avoid short-circuiting the output. By connecting a fixed resistor between the adjustment pin and output, the LM117 and LM317-N can be also used as a precision current regulator. Supplies with electronic shutdown can be achieved by clamping the adjustment terminal to ground, which programs the output to 1.25 V where most loads draw little current. For applications requiring greater output current, see the LM150 series (3 A) and LM138 series (5 A) data sheets. For the negative complement, see the LM137 series data sheet. Device Information(1) PART NUMBER PACKAGE BODY SIZE (NOM) LM117 TO-3 (2) 38.94 mm x 25.40 mm TO (3) 8.255 mm × 8.255 mm LM317-N TO-3 (2) 38.94 mm x 25.40 mm TO-220 (3) 14.986 mm × 10.16 mm TO-263 (3) 10.18 mm × 8.41 mm SOT-223 (4) 6.50 mm × 3.50 mm TO (3) 8.255 mm × 8.255 mm TO-252 (3) 6.58 mm × 6.10 mm (1) For all available packages, see the orderable addendum at the end of the data sheet. |
Similar Description - LM317EMP/NOPB |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |