| Electronic Components Datasheet Search |
|
N01A Marking, LM317EMP/NOPB Datasheet(PDF) 20 Page - Texas Instruments |
|
|
||||||||||||||||||||||||||||||
LM317EMP/NOPB Datasheet(HTML) 20 Page - Texas Instruments |
|
20 / 51 page ![]() three LM195 devices in parallel LM117 20 LM117, LM317-N SNVS774Q – MAY 2004 – REVISED JUNE 2020 www.ti.com Product Folder Links: LM117 LM317-N Submit Documentation Feedback Copyright © 2004–2020, Texas Instruments Incorporated Typical Applications (continued) 9.2.6 High-Current Adjustable Regulator Using the LM195 power transistor in parallel with the LM117 can increase the maximum possible output load current (see Figure 24). Sense resistor R1 provides the 0.6 V across base to emitter to turn on the PNP. This on switch allows current to flow, and the voltage drop across R3 drives three LM195 power transistors designed to carry an excess of 1 A each. NOTE The selection of R1 determines a minimum load current for the PNP to turn on. The higher the resistor value, the lower the load current must be before the transistors turn on. NOTE: ‡Optional—improves ripple rejection †Solid tantalum *Minimum load current = 30 mA Figure 24. High-Current Adjustable Regulator |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |