Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

N01A Marking, LM317EMP/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM317EMP/NOPB
Description  LM117, LM317-N Wide Temperature Three-Pin Adjustable Regulator
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM317EMP/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM317EMP/NOPB Datasheet HTML 3Page - Texas Instruments LM317EMP/NOPB Datasheet HTML 4Page - Texas Instruments LM317EMP/NOPB Datasheet HTML 5Page - Texas Instruments LM317EMP/NOPB Datasheet HTML 6Page - Texas Instruments LM317EMP/NOPB Datasheet HTML 7Page - Texas Instruments LM317EMP/NOPB Datasheet HTML 8Page - Texas Instruments LM317EMP/NOPB Datasheet HTML 9Page - Texas Instruments LM317EMP/NOPB Datasheet HTML 10Page - Texas Instruments LM317EMP/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
7
LM117, LM317-N
www.ti.com
SNVS774Q – MAY 2004 – REVISED JUNE 2020
Product Folder Links: LM117 LM317-N
Submit Documentation Feedback
Copyright © 2004–2020, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC package thermal metrics application
report.
(2)
When surface mount packages are used (SOT-223, TO-252), the junction to ambient thermal resistance can be reduced by increasing
the PCB copper area that is thermally connected to the package. See Heatsink Requirements for heatsink techniques.
(3)
No heatsink.
7.5 Thermal Information, LM317-N
THERMAL METRIC(1)(2)
LM317-N
UNIT
KTT
(TO-263)
NDE
(TO-220)
DCY
(SOT-223)
NDT
(TO)
NDP
(TO-252)
3 PINS
3 PINS
4 PINS
3 PINS
3 PINS
RθJA
Junction-to-ambient thermal resistance
41.0
23.3
59.6
186(3)
54
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
43.6
16.2
39.3
21
51.3
°C/W
RθJB
Junction-to-board thermal resistance
23.6
4.9
8.4
—
28.6
°C/W
ψJT
Junction-to-top characterization parameter
10.4
2.7
1.8
—
3.9
°C/W
ψJB
Junction-to-board characterization parameter
22.6
4.9
8.3
—
28.1
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
0.9
1.1
—
—
0.9
°C/W
(1)
IMAX = 1.5 A for the NDS (TO-3), NDE (TO-220), and KTT (TO-263) packages. IMAX = 1.0 A for the DCY (SOT-223) package.
IMAX = 0.5 A for the NDT (TO) and NDP (TO-252) packages. Device power dissipation (PD) is limited by ambient temperature (TA),
device maximum junction temperature (TJ), and package thermal resistance (RθJA). The maximum allowable power dissipation at any
temperature is : PD(MAX) = ((TJ(MAX) – TA) / RθJA). All Min. and Max. limits are ensured to TI's Average Outgoing Quality Level (AOQL).
(2)
Specifications and availability for military and space grades of LM117/883 can be found in the LM117QML data sheet. Specifications
and availability for military and space grades of LM117 can be found in the LM117JAN data sheet.
(3)
Regulation is measured at a constant junction temperature, using pulse testing with a low duty cycle. Changes in output voltage due to
heating effects are covered under the specifications for thermal regulation.
7.6 LM117 Electrical Characteristics
Some specifications apply over full Operating Temperature Range as noted. Unless otherwise specified, TJ = 25°C, VIN −
VOUT = 5 V, and IOUT = 10 mA.
(1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Reference voltage
3 V
≤ (VIN − VOUT) ≤ 40 V,
10 mA
≤ IOUT ≤ IMAX
(1) (over full operating temperature range)
1.2
1.25
1.3
V
Line regulation
3 V
≤ (VIN − VOUT) ≤ 40 V
(3)
TJ = 25°C
0.01
0.02
%/V
over full operating
temperature range
0.02
0.05
Load regulation
10 mA
≤ IOUT ≤ IMAX
(1) (3)
TJ = 25°C
0.1%
0.3%
over full operating
temperature range
0.3%
1%
Thermal regulation
20-ms pulse
0.03
0.07
%/W
Adjustment pin current
over full operating temperature range
50
100
μA
Adjustment pin current change
10 mA
≤ IOUT ≤ IMAX
(1)
3 V
≤ (VIN − VOUT) ≤ 40 V (over full operating temperature range)
0.2
5
μA
Temperature stability
TMIN ≤ TJ ≤ TMAX (over full operating temperature range)
1%
Minimum load current
(VIN − VOUT) = 40 V (over full operating temperature range)
3.5
5
mA
Current limit
(VIN − VOUT) ≤ 15 V
TO-3 Package (over full
operating temperature range)
1.5
2.2
3.4
A
TO-39 Package (over full
operating temperature range)
0.5
0.8
1.8
(VIN − VOUT) = 40 V
TO-3 package
0.3
0.4
A
TO-39 package
0.15
0.2
RMS output noise, % of VOUT
10 Hz
≤ f ≤ 10 kHz
0.003%
Ripple rejection ratio
VOUT = 10 V, f = 120 Hz, CADJ = 0 μF (over full operating
temperature range)
65
dB
VOUT = 10 V, f = 120 Hz, CADJ = 10 μF (over full operating
temperature range)
66
80
dB
Long-term stability
TJ = 125°C, 1000 hrs
0.3%
1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com