| Electronic Components Datasheet Search |
|
DAP018x Marking, DAP018ADR2G Datasheet(PDF) 7 Page - ON Semiconductor |
|
||||||||||||||||||||||||||||||
DAP018ADR2G Datasheet(HTML) 7 Page - ON Semiconductor |
|
7 / 28 page ![]() DAP018A/B/C/D/F http://onsemi.com 7 ELECTRICAL CHARACTERISTICS (For typical values TJ = 25°C, for min/max values TJ = −25°C to +125°C, Max TJ = 150°C, VCC = 12 V unless otherwise noted) INTERNAL RAMP COMPENSATION Symbol Rating Pin Min Typ Max Unit Vramp Internal ramp level @ 25°C (Note 2) 7 3.0 V Rramp Internal ramp resistance to CS pin (Note 2) 7 20 kW PROTECTIONS Symbol Rating Pin Min Typ Max Unit Vlatch Latching level input 2 2.85 3 3.25 V Tlatch−del Delay before latch confirmation − 20 ms VtimFault Timer level completion 3 4.3 V Itim Timer capacitor charging current 3 12 mA TimerL Timer length, Ctimer = 0.22 mF typical 3 100 ms VBO Brown−Out level – B & D versions 11 0.95 1 1.05 V IBO Hysteresis current, Vpin 11 < VBO – B & D versions, TJ = 25°C 11 9 10 11 mA IBO Hysteresis current, Vpin 11 < VBO – B & D versions, −25°C < TJ < 25°C 11 8.6 10 11 mA IBObias Brown−Out input bias current – B & D versions 11 0.02 mA TBO−del Delay before brown−out confirmation − 20 ms IOTP Over temperature shutdown current (Note 3) 12 101 113 124 mA VOTP Over temperature latching voltage (Note 3) 12 0.95 1 1.05 V TSD Temperature shutdown − 140 °C TSD_hys Temperature shutdown hysteresis − 40 °C 1. See characterization table for linearity over negative bias voltage. 2. Guaranteed by design. 3. The OTP parameters are selected to cope with a TTC03−474 which offers a resistance of 8.8 kW when heated to a temperature of 110°C. 4. The brown−out circuitry is disabled on versions A & C and operates on versions B & D. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |