Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

DAP018x Marking, DAP018ADR2G Datasheet(PDF) 19 Page - ON Semiconductor

Part # DAP018ADR2G
Description  PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DAP018ADR2G Datasheet(HTML) 19 Page - ON Semiconductor

Back Button DAP018ADR2G Datasheet HTML 15Page - ON Semiconductor DAP018ADR2G Datasheet HTML 16Page - ON Semiconductor DAP018ADR2G Datasheet HTML 17Page - ON Semiconductor DAP018ADR2G Datasheet HTML 18Page - ON Semiconductor DAP018ADR2G Datasheet HTML 19Page - ON Semiconductor DAP018ADR2G Datasheet HTML 20Page - ON Semiconductor DAP018ADR2G Datasheet HTML 21Page - ON Semiconductor DAP018ADR2G Datasheet HTML 22Page - ON Semiconductor DAP018ADR2G Datasheet HTML 23Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
DAP018A/B/C/D/F
http://onsemi.com
19
Figure 40. The Part is Reset when VCC Reaches 5 V or when BO
Senses the Bulk Capacitor Voltage is Back to Normal
The user has unplugged, reset!
Fault!
Vlatch
Vlatch
Drv
VCC(on)
VCC(min)
VCCreset
VCClatch
VCC(min)
VCC(on)
VCC
If for any reason the latch pin level grows above Vlatch, the
part immediately stops pulsing and stays latched in this
position until the user cycles down the power supply. The
reset actually occurs if VCC drops below 5 V, e.g. if the
adapter user disconnects it from the mains. Figure 40 details
the operating diagrams in case of a fault. Please note the
presence of RC time constant on the comparator output,
aimed to filtering any spurious oscillations linked to an
eventual noise presence. The typical value of this time
constant is 20
ms.
On both OVP and OTP events and in the case of a
latched−OCP version, the latch reset occurs in the following
conditions:
• a user reset via a mains interruption (unplug and replug
adapter) which is long enough to let the VCC capacitor
discharge to the controller reset level of 5 V.
• for B & D versions, a reset can occur if the brown−out
circuitry is asserted before the VCC reaches 5 V.
Soft−start
The Speedking II features an internal soft−start circuit
activated during the power on sequence (PON) but also in
fault recovery (short−circuit protection or brown−out
release). As soon as VCC reaches VCC(on), the peak current
is gradually increased from nearly zero up to the maximum
clamping level (e.g. 0.8 V/Rsense). The peak current is
clamped at 0.8 V/Rsense through the entire soft−start period
until the supply enters regulation. Figure 41 shows a typical
startup shot.
vss vcc
8.56m
9.23m
9.90m
10.6m
11.2m
−300m
100m
500m
900m
1.30
1
7.95m
8.95m
9.95m
10.9m
11.9m
time in seconds
9.00
10.0
11.0
12.0
13.0
2
vss vcc
−300m
100m
500m
900m
1.30
1
9.00
10.0
11.0
12.0
13.0
2
Figure 41. Soft−start is Activated During a Start−up Sequence, an
Auto−recovery Burst−mode or when the Brown−out Pin is Released
5 ms
VCC(on)
VCC
Ip(t)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com