Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

DAP018x Marking, DAP018ADR2G Datasheet(PDF) 20 Page - ON Semiconductor

Part # DAP018ADR2G
Description  PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DAP018ADR2G Datasheet(HTML) 20 Page - ON Semiconductor

Back Button DAP018ADR2G Datasheet HTML 16Page - ON Semiconductor DAP018ADR2G Datasheet HTML 17Page - ON Semiconductor DAP018ADR2G Datasheet HTML 18Page - ON Semiconductor DAP018ADR2G Datasheet HTML 19Page - ON Semiconductor DAP018ADR2G Datasheet HTML 20Page - ON Semiconductor DAP018ADR2G Datasheet HTML 21Page - ON Semiconductor DAP018ADR2G Datasheet HTML 22Page - ON Semiconductor DAP018ADR2G Datasheet HTML 23Page - ON Semiconductor DAP018ADR2G Datasheet HTML 24Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
DAP018A/B/C/D/F
http://onsemi.com
20
The soft−start is activated in the following conditions:
• Startup sequence: when the user powers the adapter, the
peak current smoothly ramps−up from a low value
towards a maximum value defined by the sense resistor.
• In auto−recovery burst−mode (e.g. during a
non−latched short−circuit), each new set of pulses starts
with a soft−start sequence.
• When the brown−out pin senses a reset on the bulk
voltage, the controller restarts via a soft−start sequence,
just like a fresh power−on sequence.
* Please note that Speedking II does use implement the
soft−burst technique as built in the original Speedking circuit.
Internal Ramp Compensation
Ramp compensation is a known mean to cure
subharmonic oscillations. These oscillations take place at
half the switching frequency and occur only during
Continuous Conduction Mode (CCM) with a duty−cycle
greater than 50%. To lower the current loop gain, one usually
injects between 50 and 100% of the inductor downslope.
Figure 42 depicts how internally the ramp is generated.
* Please note that the ramp signal will be disconnected from
the CS pin, during the OFF time.
Figure 42. Inserting a Resistor
+
-
from FB Setpoint
L.E.B.
Latch
Reset
20 k
Rcomp
Rsense
CS
ON
1.8 V
0 V
Inserting a resistor in series with the current sense
information brings ramp compensation and stabilizes the
converter in CCM operation.
In the Speedking II controller, the oscillator ramp features
a 1.8 V swing. If our clock operates at a 65 kHz frequency,
then the oscillator slope corresponds to a 120 mV/
ms ramp.
In our flyback design, let’s assume that our primary
inductance Lp is 350 mH, and the SMPS delivers 12 V with
a Np:Ns ratio of 1:0.1. The off−time primary current slope is
thus given by:
Vout ) Vf @
NS
NP
LP
+ 371 mA msor 37 mV ms
when projected over a sense resistor Rsense of 0.1W, for
instance. If we select 75% of the downslope as the required
amount of ramp compensation, then we shall inject
27 mV/
ms. Our internal compensation being of 120 mV/ms,
the divider ratio (divratio) between Rcomp and the 20 kW is
0.225. Rcomp can therefore be obtained using the following
value:
Rcomp +
Rramp @ divratio
(1 * divratio) +
20 k
0.225
1 * 0.225 +
5.8 kW
Brown−out Protection
Versions B and D of the controller include a dedicated
circuitry which permanently monitors the bulk capacitor
level. Figure 43 depicts the comparator arrangement known
as a brown−out protection:
VBO
1V
IBO
Rupper
3.3Meg
Rlower
10k
BO
Brown Out
bulk
Figure 43. A Brown−out Circuit Protects the
Power Supply against Low Input Voltages
10 m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com