Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

DAP018x Marking, DAP018FDR2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # DAP018FDR2G
Description  PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DAP018FDR2G Datasheet(HTML) 5 Page - ON Semiconductor

  DAP018FDR2G Datasheet HTML 1Page - ON Semiconductor DAP018FDR2G Datasheet HTML 2Page - ON Semiconductor DAP018FDR2G Datasheet HTML 3Page - ON Semiconductor DAP018FDR2G Datasheet HTML 4Page - ON Semiconductor DAP018FDR2G Datasheet HTML 5Page - ON Semiconductor DAP018FDR2G Datasheet HTML 6Page - ON Semiconductor DAP018FDR2G Datasheet HTML 7Page - ON Semiconductor DAP018FDR2G Datasheet HTML 8Page - ON Semiconductor DAP018FDR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
DAP018A/B/C/D/F
http://onsemi.com
5
MAXIMUM RATINGS TABLE
Symbol
Rating
Value
Unit
VCCmax
Maximum Power Supply Voltage, VCC Pin, Continuous Voltage
−0.3 to 28
V
ICCmax
Maximum Current for VCC Pin
$30
mA
Maximum Voltage on Low Power Pins (Except Pins 9, 10 and 14)
−0.3 to 10
V
IOPP
Maximum Injected Negative Current into the OPP Pin (Pin 1)
−2
mA
RθJ−A
Thermal Resistance Junction−to−Air
120
°C/W
TJMAX
Maximum Junction Temperature
150
°C
Storage Temperature Range
−60 to +150
°C
ESD Capability, Human Body Model (All pins except HV)
2
kV
ESD Capability, Machine Model
180
V
Maximum Voltage on Pin 14 (HV)
−0.3 to 500
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
NOTES:This device(s) contains ESD protection and exceeds the following tests:
Human Body Model 2000V per JEDEC Standard JESD22−A114E
Machine Model 200V per JEDEC Standard JESD22−A115−A
This device contains latch−up protection and exceeds 100 mA per JEDEC Standard JESD78 except pin 12.
ELECTRICAL CHARACTERISTICS
(For typical values TJ = 25°C, for min/max values TJ = −25°C to +125°C, Max TJ = 150°C, VCC = 12 V unless otherwise noted)
Symbol
Rating
Pin
Min
Typ
Max
Unit
SUPPLY SECTION
VCCON
VCC increasing level at which the current source turns−off
10
14
15
16
V
VCC(min) VCC level below which output pulses are stopped
10
8
9
10
V
VCClatch VCC decreasing level at which the latch−off phase ends
10
7.2
7.5
8.0
V
VCCreset Internal latch reset level
10
5
V
resetHyst
Minimum voltage difference between VCClatch and VCCreset, TJ > 0°C
−
0.8
V
VCCTSD
VCC voltage when the TSD is activated (Note 2)
−
6.5
7.1
V
ICC1
Internal IC consumption, no output load on pin 9
10
1.9
mA
ICC1light
ICC1 for a feedback voltage equal to Vfold (internal bias reduction)
10
1.5
mA
ICC2
Internal IC consumption, 1 nF output load on pin 9
10
2.7
mA
ICC3
Internal IC consumption, latch−off phase
10
0.6
mA
ITSD
Current consumption in TSD mode
−
400
mA
INTERNAL START−UP CURRENT SOURCE – High−voltage pin biased to 60 Vdc.
Symbol
Rating
Pin
Min
Typ
Max
Unit
IC2
High−voltage current source, VCC = 10 V
14
3
6
9
mA
IC1
High−voltage current source, VCC = 0, TJ = 25°C
14
150
650
1200
mA
VTh
VCC transition level for IC1 to IC2 toggling point
14
0.9
V
Ileak
Leakage current for the high voltage source,
Vpin 14 = 500 Vdc, VCC = 12 V, TJ > 0°C
14
1
15
30
mA
DRIVE OUTPUT
Symbol
Rating
Pin
Min
Typ
Max
Unit
Tr
Output voltage rise−time @ CL = 1 nF, 10−90% of a 12 V output signal
9
−
40
−
ns
1. See characterization table for linearity over negative bias voltage.
2. Guaranteed by design.
3. The OTP parameters are selected to cope with a TTC03−474 which offers a resistance of 8.8 kW when heated to a temperature of 110°C.
4. The brown−out circuitry is disabled on versions A & C and operates on versions B & D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com