Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

DAP018x Marking, DAP018FDR2G Datasheet(PDF) 18 Page - ON Semiconductor

Part # DAP018FDR2G
Description  PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DAP018FDR2G Datasheet(HTML) 18 Page - ON Semiconductor

Back Button DAP018FDR2G Datasheet HTML 14Page - ON Semiconductor DAP018FDR2G Datasheet HTML 15Page - ON Semiconductor DAP018FDR2G Datasheet HTML 16Page - ON Semiconductor DAP018FDR2G Datasheet HTML 17Page - ON Semiconductor DAP018FDR2G Datasheet HTML 18Page - ON Semiconductor DAP018FDR2G Datasheet HTML 19Page - ON Semiconductor DAP018FDR2G Datasheet HTML 20Page - ON Semiconductor DAP018FDR2G Datasheet HTML 21Page - ON Semiconductor DAP018FDR2G Datasheet HTML 22Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
DAP018A/B/C/D/F
http://onsemi.com
18
The recurrence in hiccup mode can easily be adjusted by either reducing the timer or increasing the VCC capacitor. Figure 38
details the various time portion a hiccup is made of:
Drv
timer
timer
Figure 38. The Burst Period is Ensured by the VCC Capacitor
Charge / Discharge Cycle (here a 0.22 mF capacitor on timer)
VCC
VCClatch
VCCreset
t1
t2
t′1
t3
t′2
VCC(on)
VCC(min)
If by design we have selected a 22
mF VCC capacitor, it
becomes easy to evaluate the burst period and its duty−cycle.
This can be done by properly identifying all time events on
Figure 38 and applying the classical formula:
t + CDV
I
• t1: I = ICC3 = 600 mA,
ΔV = 9 – 6.5 = 2.5 V ³ t1 = 91 ms
• t2: I = 3 mA, ΔV = 15 – 6.5 = 8.5 V ³ t1 = 62 ms
• t3: I = 600 mA, ΔV = 15 – 6.5 = 8.5 V ³ t1 = 311 ms
• t′1 = t1 = 91 ms
• t′2 = t2 = 62 ms
The total period duration is thus the sum of all these events
which leads to Tfault = 617 ms. If the timer lasts 100 ms, then
our duty−cycle in auto−recovery burst equals 100/(617 +
100)
≈ 13%, which is good. Should the user like to further
decrease or, to the contrary, increase this duty−cycle,
changing the VCC capacitor is an easy job.
Latch−off and Over Voltage Protection
Speedking II features a fast comparator that permanently
monitors pin 2 level. Figure 39 details how it is internally
arranged:
Figure 39. A Comparator Monitors Pin 2 and
Latches−off the Part in Case the Threshold is
Reached
Rupper
-
+
Rlower
10 nF
C1
2
Vlatch
+
VCCaux
+
20 ms
time
constant
aux.
S
R
Q
Q
Latched
Fault
5 V Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com