| Electronic Components Datasheet Search |
|
DAP018x Marking, DAP018FDR2G Datasheet(PDF) 6 Page - ON Semiconductor |
|
||||||||||||||||||||||||||||||
DAP018FDR2G Datasheet(HTML) 6 Page - ON Semiconductor |
|
6 / 28 page ![]() DAP018A/B/C/D/F http://onsemi.com 6 ELECTRICAL CHARACTERISTICS (For typical values TJ = 25°C, for min/max values TJ = −25°C to +125°C, Max TJ = 150°C, VCC = 12 V unless otherwise noted) DRIVE OUTPUT Symbol Unit Max Typ Min Pin Rating Tf Output voltage fall−time @ CL = 1 nF, 10−90% of a 12 V output signal 9 − 25 − ns Isource Source current capability at VDRV = 10.5 V 9 − 500 − mA Isink Sink current capability at VDRV = 0 V 9 − 800 − mA VDRVlow DRV pin level at VCC close to VCC(min) with a 33 kW resistor to GND 9 7.6 − − V VDRVhigh DRV pin level at VCC = 28 V 9 10 15 17 V CURRENT COMPARATOR Symbol Rating Pin Min Typ Max Unit IIB Input Bias Current @ 0.8 V input level on pin 7 7 0.02 mA VLimit Maximum internal current setpoint – pin1 grounded 7 0.76 0.8 0.84 V TDEL Propagation delay from current detection to gate off−state 7 100 150 ns TLEB Leading Edge Blanking Duration 7 140 ns TSS Internal soft−start duration activated upon startup, auto−recovery and BO release for versions B & D, pin 1 grounded. − 5 ms IOPPo Setpoint decrease for pin 1 biased to –300 mV (Note 1) 1 37.5 % IOOPv Voltage setpoint for pin 1 biased to −300 mV (Note 1) 1 0.46 0.5 0.54 V IOPPs Setpoint decrease for pin 1grounded 1 0 % INTERNAL OSCILLATOR Symbol Rating Pin Min Typ Max Unit fOSC Oscillation frequency (65 kHz version, A & B) − 60 65 70 kHz fOSC Oscillation frequency (100 kHz version, C & D) − 92 100 108 kHz Dmax Maximum duty−cycle − 76 80 84 % fjitter Frequency jittering in percentage of fOSC − ±5 % fswing Swing frequency with a 22 nF capacitor to pin 4 4 300 Hz ICjit Jittering modulator charging current 4 18 mA VCjitP Jittering capacitor peak voltage 4 2.2 V VCjitV Jittering capacitor valley voltage 4 0.8 V FEEDBACK SECTION Symbol Rating Pin Min Typ Max Unit Rup Internal pull−up resistor 6 20 kW RFB Equivalent resistor on FB pin 16 kW Iratio Pin 6 to current setpoint division ratio − 4.2 kW FREQUENCY FOLDBACK Symbol Rating Pin Min Typ Max Unit Ifold Internal foldback reference current 5 8.5 10 11.5 mA Vfold Frequency folback level with a 100 kW resistor to ground 5 1 V Iskip Skip current in percentage of the maximum excursion, for Vfold = 1 V 30 % Ftrans Transition frequency below which skip−cycle occurs for TJ = 25°C – 21 25 29 kHz Vskip Skip−cycle level voltage on the feedback pin 6 320 mV 1. See characterization table for linearity over negative bias voltage. 2. Guaranteed by design. 3. The OTP parameters are selected to cope with a TTC03−474 which offers a resistance of 8.8 kW when heated to a temperature of 110°C. 4. The brown−out circuitry is disabled on versions A & C and operates on versions B & D. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |