Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

S81B Marking, LM5007MM/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LM5007MM/NOPB
Description  LM5007 75-V, 0.5-A DC/DC Buck Converter With 80-V Integrated Power MOSFET
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5007MM/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM5007MM/NOPB Datasheet HTML 1Page - Texas Instruments LM5007MM/NOPB Datasheet HTML 2Page - Texas Instruments LM5007MM/NOPB Datasheet HTML 3Page - Texas Instruments LM5007MM/NOPB Datasheet HTML 4Page - Texas Instruments LM5007MM/NOPB Datasheet HTML 5Page - Texas Instruments LM5007MM/NOPB Datasheet HTML 6Page - Texas Instruments LM5007MM/NOPB Datasheet HTML 7Page - Texas Instruments LM5007MM/NOPB Datasheet HTML 8Page - Texas Instruments LM5007MM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
1
2
3
4
5
6
7
8
SW
BST
RCL
FB
RTN
RON
VCC
VIN
3
LM5007
www.ti.com
SNVS252H – SEPTEMBER 2003 – REVISED NOVEMBER 2018
Product Folder Links: LM5007
Submit Documentation Feedback
Copyright © 2003–2018, Texas Instruments Incorporated
5 Pin Configuration and Functions
DGK Package and NGT Package
8-Pin VSSOP and 8-Pin WSON
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
APPLICATION INFORMATION
NO
.
NAME
1
SW
O
Switching node.
Power switching node. Connect to the LC output filter.
2
BST
I
Boost bootstrap capacitor input.
An external capacitor is required between the BST and SW pins.
A 0.01-µF ceramic capacitor is recommended. An internal diode
between VCC and BST completes the buck gate drive bias
network.
3
RCL
I
Current Limit OFF-time programming pin
tOFF = 10
-5 / (0.59 + (V
FB / 7.22 × 10
− 6 × R
CL))
A resistor between this pin and RTN determines the variation of
off-time along with the FB pin voltage per cycle while in current
limit. The off-time is preset to 17 µs if FB = 0 V and decreases as
the FB voltage increases.
4
RTN
—
Circuit ground.
5
FB
I
Feedback signal from regulated output.
This pin is connected to the inverting input of the internal
regulation comparator. The regulation threshold is 2.5 V.
6
RON
I
On-time set pin
tON = 1.42 × 10
-10 R
ON / VIN
A resistor between this pin and VIN sets the switch on-time as a
function of VIN. The minimum recommended on-time is 300 ns at
the maximum input voltage.
7
VCC
O
Output from the internal high-voltage bias
regulator. VCC is nominally regulated to 7 V.
If an auxiliary voltage is available to raise the voltage on this pin,
above the regulation set point (7V), the internal series pass
regulator will shutdown, reducing the IC power dissipation. Do not
exceed 14V. This output provides gate drive power for the internal
buck switch. An internal diode is provided between this pin and
the BST pin. A local 0.1-uF decoupling capacitor is
recommended. The series pass regulator is current limited to 10
mA.
8
VIN
I
Input supply voltage.
Recommended operating range: 9 V to 75 V.
—
EP
—
Exposed PAD, underside of the WSON-8
package option.
Internally bonded to the die substrate. Connect to GND potential
for low thermal impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com