Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

S81B Marking, LM5007MM/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LM5007MM/NOPB
Description  LM5007 75-V, 0.5-A DC/DC Buck Converter With 80-V Integrated Power MOSFET
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5007MM/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM5007MM/NOPB Datasheet HTML 1Page - Texas Instruments LM5007MM/NOPB Datasheet HTML 2Page - Texas Instruments LM5007MM/NOPB Datasheet HTML 3Page - Texas Instruments LM5007MM/NOPB Datasheet HTML 4Page - Texas Instruments LM5007MM/NOPB Datasheet HTML 5Page - Texas Instruments LM5007MM/NOPB Datasheet HTML 6Page - Texas Instruments LM5007MM/NOPB Datasheet HTML 7Page - Texas Instruments LM5007MM/NOPB Datasheet HTML 8Page - Texas Instruments LM5007MM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
4
LM5007
SNVS252H – SEPTEMBER 2003 – REVISED NOVEMBER 2018
www.ti.com
Product Folder Links: LM5007
Submit Documentation Feedback
Copyright © 2003–2018, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted)
(1).
MIN
MAX
UNIT
VIN to RTN
80
V
BST to RTN
94
V
SW to RTN (steady state)
–1
V
BST to VCC
80
V
BST to SW
14
V
VCC to RTN
14
V
All other inputs to RTN
–0.3
7
V
Lead temperature (soldering 4 sec)
260
°C
Tstg
Storage temperature
–55
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
The human body model is a 100-pF capacitor discharge through a 1.5-k
Ω resistor into each pin. The machine model is a 200-pF
capacitor discharged directly into each pin. The machine model ESD compliance level for Pin 5 is 150 V. The human body ESD
compliance level for Pin 7 and 8 is 1000 V.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)(2)
±2000
V
Machine model (MM)
±200
6.3 Recommended Operating Conditions
Over operating free-air temperature range (unless otherwise noted).
MIN
NOM
MAX
UNIT
VIN
Input voltage
9
75
V
TJ
Junction temperature
−40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report (SPRA953).
6.4 Thermal Information
THERMAL METRIC(1)
LM5007
UNIT
DGK (VSSOP)
NGT (WSON)
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
158.3
38.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
51.3
27.8
°C/W
RθJB
Junction-to-board thermal resistance
78.5
15.1
°C/W
ψJT
Junction-to-top characterization parameter
4.9
0.2
°C/W
ψJB
Junction-to-board characterization parameter
77.2
15.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
4.5
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com