Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

S81B Marking, LM5007MM/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LM5007MM/NOPB
Description  LM5007 75-V, 0.5-A DC/DC Buck Converter With 80-V Integrated Power MOSFET
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5007MM/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM5007MM/NOPB Datasheet HTML 1Page - Texas Instruments LM5007MM/NOPB Datasheet HTML 2Page - Texas Instruments LM5007MM/NOPB Datasheet HTML 3Page - Texas Instruments LM5007MM/NOPB Datasheet HTML 4Page - Texas Instruments LM5007MM/NOPB Datasheet HTML 5Page - Texas Instruments LM5007MM/NOPB Datasheet HTML 6Page - Texas Instruments LM5007MM/NOPB Datasheet HTML 7Page - Texas Instruments LM5007MM/NOPB Datasheet HTML 8Page - Texas Instruments LM5007MM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
4
8
3
6
5
1
2
CVCC
7
LM5007
VCC
FB
SW
BST
VIN
RCL
RTN
RON
RCL
CIN
COUT
Shutdown
RC
VIN
9 V to 75 V
VOUT
CBST
LO
D1
RON
RFB2
RFB1
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM5007
SNVS252H – SEPTEMBER 2003 – REVISED NOVEMBER 2018
LM5007 75-V, 0.5-A DC/DC Buck Converter With 80-V Integrated Power MOSFET
1
1 Features
1
•
Versatile Synchronous Buck DC/DC Converter
–
Operating Input Voltage Range of 9 V to 75 V
–
Integrated 80-V, 0.7-A N-Channel Buck Switch
–
Internal High-Voltage VCC Regulator
–
Adjustable Output Voltage
–
High Efficiency Operation
•
Adaptive Constant On-Time Control Architecture
–
Ultra-Fast Transient Response
–
No Control Loop Compensation Required
•
Nearly Constant Switching Frequency
–
PWM On-Time Varies Inversely with Input
Voltage
•
Precision 2.5-V Reference
•
Low Input Quiescent Current
•
Inherent Protection Features for Robust Design
–
Intelligent Current Limit Protection
–
VCC and Gate Drive UVLO Protection
–
Thermal Shutdown Protection With Hysteresis
–
External Shutdown Control
•
8-Pin VSSOP and WSON Packages
•
Create a Custom Regulator Design Using
WEBENCH® Power Designer
2 Applications
•
Non-Isolated DC/DC Buck Regulator
•
Secondary High-Voltage Post Regulator
•
48-V Automotive Systems
3 Description
The LM5007 0.5-A step-down switching converter
features all of the functions needed to implement a
low-cost and efficient buck regulator. This high-
voltage converter has an integrated 80-V, 0.7-A N-
channel buck switch and operates over an input
voltage range of 9 V to 75 V. The device is easy to
implement and is provided in 8-pin VSSOP and
thermally enhanced 8-pin WSON packages.
The converter uses a hysteretic control scheme with
a PWM on-time inversely proportional to VIN. This
feature allows the operating frequency to remain
relatively constant with load and input voltage
variations. The hysteretic control requires no loop
compensation and provides fast transient response.
An intelligent current limit is implemented with forced
off-time that is inversely proportional to VOUT. This
current
limiting
scheme
ensures
short-circuit
protection
while
providing
reduced
load
current
foldback. Other protection features include thermal
shutdown with automatic recovery, VCC and gate
drive undervoltage lockout, and maximum duty cycle
limiter.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM5007
VSSOP (8)
3.00 mm × 3.00 mm
WSON (8)
4.00 mm × 4.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Schematic


Similar Description - LM5007MM/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5163-Q1 TI1-LM5163-Q1 Datasheet
1Mb / 32P
100-V Input, 0.5-A Synchronous Buck DC/DC Converter with Ultra-low IQ
logo
Rohm
BD9E200FP4-Z ROHM-BD9E200FP4-Z Datasheet
1Mb / 38P
4.5 V to 26 V Input, 2.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
25.Mar.2022 Rev.001
BD9E201FP4-Z ROHM-BD9E201FP4-Z Datasheet
1Mb / 40P
4.5 V to 28 V Input, 2.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
25.Mar.2022 Rev.001
logo
STMicroelectronics
STEVAL-L3751V12 STMICROELECTRONICS-STEVAL-L3751V12 Datasheet
13Mb / 6P
75 V 15 A DC-DC converter buck regulator evaluation board with L3751 controller
24-Aug-2022
logo
Rohm
BD9B305QUZ ROHM-BD9B305QUZ Datasheet
4Mb / 44P
2.7 V to 5.5 V Input, 3.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
08.Mar.2019 Rev.001
BD9D300MUV ROHM-BD9D300MUV Datasheet
1Mb / 42P
4.0 V to 17 V Input, 3 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
16.Sep.2021 Rev.002
BD9E104FJ ROHM-BD9E104FJ Datasheet
2Mb / 33P
7.0 V to 26.0 V Input, 1 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
11.Dec.2017 Rev.001
BD9F500QUZ ROHM-BD9F500QUZ Datasheet
3Mb / 58P
4.5 V to 36 V Input, 5 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
02.Apr.2020 Rev.001
BD9B206NF-Z ROHM-BD9B206NF-Z Datasheet
3Mb / 45P
2.7 V to 5.5 V Input, 2.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
01.Apr.2023 Rev.001
BD9B406NF-Z ROHM-BD9B406NF-Z Datasheet
3Mb / 45P
2.7 V to 5.5 V Input, 4.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
01.Apr.2023 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com