Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

AS1109B Marking, AS1109-BSOU Datasheet(PDF) 24 Page - ams-OSRAM AG

Part # AS1109-BSOU
Description  Constant-Current, 8-Bit LED Driver with Diagnostics
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1109-BSOU Datasheet(HTML) 24 Page - ams-OSRAM AG

Back Button AS1109-BSOU Datasheet HTML 18Page - ams-OSRAM AG AS1109-BSOU Datasheet HTML 19Page - ams-OSRAM AG AS1109-BSOU Datasheet HTML 20Page - ams-OSRAM AG AS1109-BSOU Datasheet HTML 21Page - ams-OSRAM AG AS1109-BSOU Datasheet HTML 22Page - ams-OSRAM AG AS1109-BSOU Datasheet HTML 23Page - ams-OSRAM AG AS1109-BSOU Datasheet HTML 24Page - ams-OSRAM AG AS1109-BSOU Datasheet HTML 25Page - ams-OSRAM AG AS1109-BSOU Datasheet HTML 26Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
www.ams.com/LED-Driver-ICs/AS1109
Revision 1.21
22 - 24
AS1109
Datasheet - Pack a ge Drawin gs and Ma r k ings
Figure 27. 16-pin QFN 4x4mm Package
Marking: YYWWQZZ.
YY
WW
Q
ZZ
Last two digits of the current year
Manufacturing Week
Plant identifier
Traceability code
Symbol
Min
Nom
Max
A
0.70
0.75
0.80
A1
0
0.02
0.05
A3
0.20 REF
L
0.45
0.55
0.65
b
0.25
0.30
0.35
D
4.00 BSC
E
4.00 BSC
e
0.65 BSC
D2
2.00
2.15
2.25
E2
2.00
2.15
2.25
aaa
-
0.15
-
bbb
-
0.10
-
ccc
-
0.10
-
ddd
-
0.05
-
eee
-
0.08
-
fff
-
0.10
-
N16
Notes:
1. Dimensioning & tolerancing conform to ASME Y14.5M-1994.
2. All dimensions are in millimeters. Angles are in degrees.
3. Coplanarity applies to the exposed heat slug as well as the terminal.
4. Radius on terminal is optional.
5. N is the total number of terminals.
AS
1109B
YYWW
QZZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26