| Electronic Components Datasheet Search |
|
AS1109B Marking, AS1109-BSOU Datasheet(PDF) 6 Page - ams-OSRAM AG |
|
||||||||||||||||||||||||||||||
AS1109-BSOU Datasheet(HTML) 6 Page - ams-OSRAM AG |
|
6 / 26 page ![]() www.ams.com/LED-Driver-ICs/AS1109 Revision 1.21 4 - 24 AS1109 Datasheet - Electrical Character i s t ics 6 Electrical Characteristics VDD = +3.0V to +5.5V, Typical values measured at VDD = 5V, TAMB = 25°C (unless otherwise specified). Table 3. Electrical Characteristics Symbol Parameter Condition Min Typ Max Unit TAMB Operating Temperature Range Device fully functional up to 125°C -40 +85 °C VDD Supply Voltage 3.0 5.5 V VDS Output Voltage OUTN0:7 0 15.0 V IOUT Output Current OUTN0:7, VDD = 5V (see Figure 8) 0.5 100 mA IOH SDO -1.0 IOL SDO 1.0 VIH Input Voltage High Level CLK, OEN, LD, SDI 0.7 x VDD VDD + 0.3 V VIL Low Level -0.3 0.3 x VDD IDS(OFF) Output Leakage Current OEN = 1, VDS = 15.0V 0.5 µA VOL Output Voltage SDO IOL = +1.0mA 0.4 V VOH IOH = -1.0mA VDD - 0.4V IAV(LC1) Device-to-Device Average Output Current from OUTN0 to OUTN7 VDS = 0.5V, VDD = Const., REXT = 744 Ω 24.5 25.26 26 mA ΔIAV(LC1) Current Skew (Between Channels) VDS ≥ 0.5V, VDD = Const., REXT = 744 Ω ±0.9 ±3 % IAV(LC2) Device-to-Device Average Output Current from OUTN0 to OUTN7 VDS = 0.6V, VDD > 3.3V, REXT = 372 Ω 49.50 50.52 51.55 mA ΔIAV(LC2) Current Skew (Between Channels) VDS ≥ 0.6V, VDD = Const., REXT = 372 Ω ±0.8 ±2 % IAV(LC3) Device-to-Device Average Output Current from OUTN0 to OUTN7 VDS = 0.8V, VDD = 5.0V, REXT = 186 Ω 98 101 104 mA ΔIAV(LC3) Current Skew (Between Channels) VDS ≥ 0.8V, VDD = Const., REXT = 186 Ω ±0.5 ±2 % ILC Low-Current Diagnosis Mode VDS = 0.8V, VDD = 5.0V 0.4 0.6 0.8 mA IPD Power Down Supply Current VDS = 0.8V, VDD = 5.0V, REXT = 372 Ω, OUTN0:7 = On 320 µA %/ ΔVDS Output Current vs. Output Voltage Regulation VDS within 1.0 and 3.0V ±0.1 %/V %/ ΔVDD Output Current vs. Supply Voltage Regulation VDD within 3.0 and 5.0V ±1 %/V RIN(UP) Pullup Resistance OEN 250 500 800 k Ω RIN(DOWN) Pulldown Resistance LD 250 500 800 k Ω VTHL * Open Error Detection Threshold Voltage No load 0.25 0.35 0.45 V VTHH * Short Error Detection Threshold Voltage VDD = 3.0V, no load 1.2 1.3 1.4 V VDD = 5.0V, no load 2.0 2.2 2.4 TOV1 Overtemperature Threshold Flag 150 ºC |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |