Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

AS1109B Marking, AS1109-BSOU Datasheet(PDF) 15 Page - ams-OSRAM AG

Part # AS1109-BSOU
Description  Constant-Current, 8-Bit LED Driver with Diagnostics
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1109-BSOU Datasheet(HTML) 15 Page - ams-OSRAM AG

Back Button AS1109-BSOU Datasheet HTML 11Page - ams-OSRAM AG AS1109-BSOU Datasheet HTML 12Page - ams-OSRAM AG AS1109-BSOU Datasheet HTML 13Page - ams-OSRAM AG AS1109-BSOU Datasheet HTML 14Page - ams-OSRAM AG AS1109-BSOU Datasheet HTML 15Page - ams-OSRAM AG AS1109-BSOU Datasheet HTML 16Page - ams-OSRAM AG AS1109-BSOU Datasheet HTML 17Page - ams-OSRAM AG AS1109-BSOU Datasheet HTML 18Page - ams-OSRAM AG AS1109-BSOU Datasheet HTML 19Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
www.ams.com/LED-Driver-ICs/AS1109
Revision 1.21
13 - 24
AS1109
Datasheet - Detailed Descr i p ti on
8.6.2 Detailed Open-LED Error Report
The detailed open-LED error report can be read out immediately after global error mode has been run.
Figure 16. Detailed Open-LED Error Report Timing Diagram
Detailed Open-LED Error Report Example
Consider a case where five AS1109s are cascaded in one chain. A 1 indicates a LED is on, a 0 indicates a LED is off, and an X indicates an open
LED. The open-LED test is only applied to LEDs that are turned on. This test is used with a test pattern where all LEDs are on at test time.
IC1:[11111111] IC2:[111XX111] IC3:[11111111] IC4:[1X111111] IC5:[11111111]
IC2 has two open LEDs and IC4 has one open LED switched on due to input. 5*8 clock cycles are needed to write the entire error code out. The
detailed error report would look like this:
Comparing this report with the input data indicates that IC2 is the device with two open LEDs at position 4 and 5 and IC4 with an open LED at
second position. For such a test it is recommended to enter low-current diagnostic mode first (see Low-Current Diagnostic Mode on page 14) to
reduce onscreen flickering.
Note:
In an actual report there are no spaces in the output.
LEDs turned off during test time cannot be tested.
Input Data: 1 111 1111
11 1111 11
1 111 1111
111 111 11
1 1111 111
LED Status: 1 111 1111
11 1X X 1 11
1 111 1111
1X 1 111 11
1 1111 111
Failure Code: 1 111 1111
11 1001 11
1 111 1111
101 111 11
1 1111 111
Global Flag Readout
Detailed Error Report Readout
SDI
OEN
LD
CLK
SDO
tH(L)
Open Error Report Output
New Data Input
tP4
tP1
tP4
tSW(ERROR)
tSU(ERROR)
tTESTING
DBit0
DBit1
DBit2
DBit3
DBit4
DBit5
DBit6
OBit0
OBit1
OBit2
OBit3
OBit4
OBit5
OBit6
Don’t
Care
Don’t
Care
OBit7
TFlag
OFlag
DBit7
For detailed timing information see Timing Diagrams on page 8.
tGSW(ERROR)
tGSW(ERROR)
tGSW(ERROR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26