Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

AS1109B Marking, AS1109-BSOU Datasheet(PDF) 5 Page - ams-OSRAM AG

Part # AS1109-BSOU
Description  Constant-Current, 8-Bit LED Driver with Diagnostics
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1109-BSOU Datasheet(HTML) 5 Page - ams-OSRAM AG

  AS1109-BSOU Datasheet HTML 1Page - ams-OSRAM AG AS1109-BSOU Datasheet HTML 2Page - ams-OSRAM AG AS1109-BSOU Datasheet HTML 3Page - ams-OSRAM AG AS1109-BSOU Datasheet HTML 4Page - ams-OSRAM AG AS1109-BSOU Datasheet HTML 5Page - ams-OSRAM AG AS1109-BSOU Datasheet HTML 6Page - ams-OSRAM AG AS1109-BSOU Datasheet HTML 7Page - ams-OSRAM AG AS1109-BSOU Datasheet HTML 8Page - ams-OSRAM AG AS1109-BSOU Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
www.ams.com/LED-Driver-ICs/AS1109
Revision 1.21
3 - 24
AS1109
Datasheet - A b s o l u t e M a x i m u m R a t i n g s
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 2 may cause permanent damage to the device. These are stress ratings only, and functional operation of
the device at these or any other conditions beyond those indicated in Electrical Characteristics on page 4 is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Table 2. Absolute Maximum Ratings
Parameter
Min
Max
Units
Comments
Electrical Parameters
VDD to GND
-0.3
7
V
Input Voltage
-0.4
VDD + 0.4
V
Output Voltage
-0.4
15
V
GND Pin Current
1000
mA
Input Current (latch-up immunity)
-100
100
mA
Norm: JEDEC 78
Electrostatic Discharge
Electrostatic Discharge HBM
2
kV
Norm: MIL 883 E method 3015
Temperature Ranges and Storage Conditions
Thermal Resistance
ΘJA
33
ºC/W
on PCB, 16-pin SOIC-150 package
113
ºC/W
on PCB, 16-pin QSOP-150 package
32
ºC/W
on PCB, 16-pin QFN (4x4mm) package
Storage Temperature Range
-55
+150
ºC
Package Body Temperature
+260
ºC
The reflow peak soldering temperature (body
temperature) specified is in accordance with IPC/
JEDEC J-STD-020“Moisture/Reflow Sensitivity
Classification for Non-Hermetic Solid State Surface
Mount Devices”.
The lead finish for Pb-free leaded packages is matte tin
(100% Sn).
Humidity non-condensing
5
85
%
Moisture Sensitive Level
QFN and QSOP
1
Represents a maximum floor life time of unlimited
Moisture Sensitive
Layer (SOIC)
3
Represents a maximum floor life of 168h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26