Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

AS1109B Marking, AS1109-BQFR Datasheet(PDF) 4 Page - ams-OSRAM AG

Part # AS1109-BQFR
Description  Constant-Current, 8-Bit LED Driver with Diagnostics
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1109-BQFR Datasheet(HTML) 4 Page - ams-OSRAM AG

  AS1109-BQFR Datasheet HTML 1Page - ams-OSRAM AG AS1109-BQFR Datasheet HTML 2Page - ams-OSRAM AG AS1109-BQFR Datasheet HTML 3Page - ams-OSRAM AG AS1109-BQFR Datasheet HTML 4Page - ams-OSRAM AG AS1109-BQFR Datasheet HTML 5Page - ams-OSRAM AG AS1109-BQFR Datasheet HTML 6Page - ams-OSRAM AG AS1109-BQFR Datasheet HTML 7Page - ams-OSRAM AG AS1109-BQFR Datasheet HTML 8Page - ams-OSRAM AG AS1109-BQFR Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
www.ams.com/LED-Driver-ICs/AS1109
Revision 1.21
2 - 24
AS1109
Datasheet
4 Pin Assignments
Figure 2. Pin Assignments (Top View)
4.1 Pin Descriptions
Table 1. Pin Descriptions
Pin Number
Pin Name
Description
16-pin QSOP-150
16-pin SOIC-150
16-pin QFN
(4x4mm)
115
GND
Ground
216
SDI
Serial Data Input
31
CLK
Serial Data Clock. The rising edge of the CLK signal is used to clock data into and at
the falling edge out of the AS1109 shift register. In error mode, the rising edge of the CLK
signal is used to switch error modes.
42
LD
Serial Data Load. Data is transferred to the data register at the rising edge of this pin.
5:12
3:10
OUTN0:7
Output Current Drivers. These pins are used as LED drivers or for input sense for
diagnostic modes.
13
11
OEN
Output Enable. The active-low pin OEN signal can always enable output drivers to sink
current independent of the AS1109 mode.
0 = Output drivers are enabled.
1 = Output drivers are disabled.
14
12
SDO
Serial Data Output. In normal mode SDO is clocked out 8.5 clock cycles after SDI is
clocked in.
In global error detection mode this pin indicates the occurrence of a global error.
0 = Global error mode returned an error.
1 = No errors.
15
13
REXT
External Resistor Connection. This pin connects through the external resistor (REXT)
to GND, to setup the load current.
16
14
VDD
Positive Supply Voltage
1
GND
AS1109
16 VDD
2
SDI
3
CLK
4
LD
5
OUTN0
15 REXT
14 SDO
13 OEN
9 OUTN4
8
OUTN3
7
OUTN2
6
OUTN1
12 OUTN7
11 OUTN6
10 OUTN5
SDO
GND VDD
REXT
13
6
12
OUTN7
10
5
14
15
CLK
1
LD
2
OUTN1
4
AS1109
16-pin QFN
(4x4mm)
OUTN0
3
7
8
OUTN6
9
OEN
11
SDI
16
16-pin QSOP-150
16-pin SOIC-150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26